Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
HTG2190
Rev. 1.20
22
July 5, 2002
Timer/Event Counter 0/1
Two timer/event counters are implemented in the
HTG2190. The Timer/Event Counter 0 and 1 contain
16-bit programmable count-up counters whose clock
may come from an external source or the system clock
divided by 4. It should be noted that, if the Timer/Event
Counter 0 is selected, the TMR0 pin should be enabled
by mask option. The pull-high resistor can be disabled
or enabled by software instruction.
Using the internal instruction clock, there is only one ref-
erence time-base. The external clock input allows the
user to count external events, measure time intervals or
pulse width, or to generate an accurate time base.
There are three registers related to Timer/Event Coun-
ter 0; TMR0H (0CH), TMR0L (0DH), TMR0C (0EH).
Writing to TMR0L only writes the data into a low byte
buffer. Writing to TMR0H will write the data and the con-
tents of the low byte buffer into the Timer/Event Counter
0 preload register (16-bit) simultaneously. The
Timer/Event Counter 0 preload register is changed only
by a write to TMR0H operation. Writing to TMR0L will
keep the Timer/Event Counter 0 preload register un-
changed.
Reading TMR0H will also latch the TMR0L into the low
byte buffer to avoid false timing problems. Reading the
TMR0L only returns the value from the low byte buffer
which may be a previously loaded value. In other words,
the low byte of Timer/Event Counter 0 cannot be read di-
S y s t e m C l o c k / 4
T M 1
T M 0
T M R 0
T M R 1
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
T i m e r / E v e n t C o u n t e r 0 / 1
P r e l o a d R e g i s t e r
T i m e r / E v e n t
C o u n t e r 0 / 1
L o w B y t e
B u f f e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
Timer/Event Counter 0/1
Label
Bits
Function
¾
0~2
Unused bit, read as
²0²
TE
3
Defines the TMR0/TMR1 active edge of timer/event counter
(0=active on low to high; 1=active on high to low)
TON
4
Enable/disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
TM1, TM0
7, 6
Define the operating mode (TM1, TM0)
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Unused
00=Unused
TMR0C/TMR1C register
Label
Bits
Function
FAST
0
0=speed-up 32K x'tal (default)
1=Non-speed-up 32K x'tal
RTF
1
Select the R-to-F function
0=disable R-to-F (default), 1=enable R-to-F
RTMR0
2
Select the TMR0 pull-high resistor (1=with pull-high; 0=without pull-high)
RTMR1
3
Select the TMR1 pull-high resistor (1=with pull-high; 0=without pull-high)
VDET
4
Supply voltage detection circuit (1=enable VDET, 0=disable VDET)
¾
5~7
Unused bit, read as
²0²
X'TALC register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com