Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
HTG2190
Rev. 1.20
25
July 5, 2002
Label
Bits
Function
SSL3~0
3~0
LCD common used
PFD
4
Enable/disable PFD output
(0=disable, 1=enable)
PFDB
5
Enable/disable PFDB output
(0=disable, 1=enable)
PWM1
6
Select PFDB/PWM1 output
(0=PWM1, 1=PFDB)
PWM2
7
Select
PFD/PWM2
output
(0=PWM2, 1=PFD)
COMR register
TMR3C
T3f
B2
B1
B0
0
0
0
F1/2
0
0
1
F1/4
0
1
0
F1/8
0
1
1
F1/16
1
0
0
F1/32
1
0
1
F1/64
1
1
0
F1/128
1
1
1
F1/256
F1 can select 4 frequencies by mask option
Auto Mask Option
F0
System Clock near 512kHz
fSYS/16
System Clock near 1024kHz
fSYS/32
System Clock near 2048kHz
fSYS/64
System Clock near 4096kHz
fSYS/128
Time base frequency = T3f / (256
- TMR3)
TMR3C Bit 4 to enable/disable timer counting (0=dis-
able; 1=enable)
TMR3C Bit6, always write
²1²
TMR3C Bit7, always write
²0²
TMR3C Bit 3, always write
²0²
Timer 3 has the same structure and operating manner
with timer 2, except for clock source and PFD function.
The timer 3 can be used as a time base to generate a
regular internal interrupt. The clock source of timer 3
can come from RTC OSC (X'tal 32kHz) or system clock
divided by an 8-stage prescaler. If the RTC mask option
is enabled, a 32kHz crystal is needed to connect across
XIN and XOUT pins. The 32kHz signal is processed by
an 8-stage prescaler to generate various counting clock
for timer 3. There are two registers related to timer 3;
TMR3 (24H) and TMR3C (25H). Writing data to B2, B1,
B0 (bit 2, 1, 0 of TMR3C) can generate various counting
clock.
S y s t e m C l o c k
8 - s t a g e
P r e s c a l e r
T i m e r 2
P r e l o a d R e g i s t e r
T i m e r 2
D a t a B u s
R e l o a d
O v e r f l o w
T O N
2 . H . 4
T o i n t e r r u p t
T 2 f
¸ 2
2 . H . 5
P W M 2
2 . H . 7
P W M D A C 2
P W M 1
2 . H . 6
P W M D A C 1
Timer 2
T i m e r 3
T O N
I N T
P r e l o a d
8 S t a g e P r e s c a l e r
L C D D r i v e r
( 1 0 2 4 H z )
3 2 K X ' A T L
2 E H . 7
8 S t a g e P r e s c a l e r
S y s t e m
C l o c k
. 0
. 1
T 3 f
n e a r 3 2 7 6 8 H z
¸ 3 2
m a s k o p t i o n
*
* I f t h e 8 C O M B / W m o d e i s s e l e c t e d , t h e v a l u e o f t h e d i v i d e r i s 6 4 .
I f t h e 1 6 C O M B / W m o d e i s s e l e c t e d , t h e v a l u e o f t h e d i v i d e r i s 3 2 .
I f t h e 8 C O M E C B m o d e i s s e l e c t e d , t h e v a l u e o f t h e d i v i d e r i s 2 .
I f t h e 1 6 C O M E C B m o d e i s s e l e c t e d , t h e v a l u e o f t h e d i v i d e r i s 1 .
Timer 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com