Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
HTG2190
Rev. 1.20
18
July 5, 2002
the interrupt control register (INTC0/INTC1) located at
0BH/1EH in the data memory. EMI, EEI, ET0I, ET1I, ET2I,
ET3I, PWMI, are used to control the enabling/disabling of
interrupts. These bits prevent the requested interrupt be-
ing serviced. Once the interrupt request flags (T0F, T1F,
T2F, T3F, EIF, PWMF) are set, they will remain in the
INTC0/INTC1 register until the interrupts are serviced or
cleared by a software instruction.
It is recommended that application programs do not
use CALL subroutines within an interrupt subroutine.
Interrupts often occur in an unpredictable manner or need
to be serviced immediately in some applications. If only
one stack is left and the interrupt enable is not well
controlled, once a CALL subroutine if used in the interrupt sub-
routine will corrupt the original control sequence.
Oscillator configuration
There are two oscillator circuit in the HTG2190.
The RC oscillator signal provides the internal system
clock. The HALT mode stops the system oscillator and
ignores any external signal to conserve power. Only the
RC oscillator is designed to drive the internal system
clock. The RTC oscillator provides the timer3 and LCD
driver clock source.
The RC oscillator needs an external resistor connected
between OSCI and VSS. The resistance value must
range from 50k
W~400kW
However, the frequency of the oscillator may vary with
VDD, temperature and the chip itself due to process vari-
ations. It is, therefore, not suitable for timing sensitive
operations where accurate oscillator frequency is de-
sired.
The RTC oscillator is used to provide clock source for
LCD driver and Timer3. It can be enabled or disabled by
mask option.
There is another oscillator circuit designed for the real
time clock. In this case, only the 32768Hz crystal oscilla-
tor can be applied. The crystal should be connected be-
tween and XOUT, and two external capacitors along
with one external resistor are required for the oscillator
circuit in order to get a stable frequency.
Register
Bit No.
Label
Function
INTC0
0
EMI
Master (Global) interrupt (1=enable; 0=disable)
1
EEI
External interrupt (1=enable; 0=disable)
2
ET0I
Timer/Event Counter 0 interrupt (1=enable; 0=disable)
3
ET1I
Timer/Event Counter 1 interrupt (1=enable; 0=disable)
4
EIF
External interrupt request flag (1=active; 0=inactive)
5
T0F
Internal Timer/Event Counter 0 request flag. (1=active; 0=inactive)
6
T1F
Internal Timer/Event Counter 1 request flag. (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC0 register
Register
Bit No.
Label
Function
INTC1
0
ET2I
Controls the Timer 2 interrupt. (1=enable; 0=disable)
1
ET3I
Controls the Timer 3 interrupt. (1=enable; 0=disable)
2
PWMI
PWM D/A interrupt (1=enable; 0=disable)
3
¾
Should be set
²0² always.
4
T2F
Internal Timer 2 request flag. (1=active; 0=inactive)
5
T3F
Internal Timer 3 request flag. (1=active; 0=inactive)
6
PWMF
PWM D/A flag (1=enable; 0=disable)
7
¾
Should be set
²0² always.
INTC1 register
R C O s c i l l a t o r
O S C I
3 2 7 6 8 H z
R T C O s c i l l a t o r
X I N
X O U T
System and RTC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com