Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Pad No.
Pad Name
I/O
Mask Option
Description
76
PB5/SCLK
I/O
I/O or
SCLK Signal
Selectable as bidirectional input/output or serial interface
clock signal by mask option. On bidirectional input/output
mode, software instructions determine whether it is a CMOS
output or Schmitt trigger input .
Serial I/O interface clock signal.
At Master mode: SCLK should be set as serial clock output
pin and after 8 clock output from SCLK terminal, clock out-
put is automatically suspended and SCLK terminal is fixed
at a high level.
At Slave mode: SCLK should be set as serial clock input pin
and after 8 clock input from SCLK terminal, subsequent
clock input are masked. PB5 shares pad with SLCK
77
PB4/SOUT
I/O
or
O
I/O or
SOUT Output
Selectable as bidirectional input/output or serial data output
master by mask option. On bidirectional input/output
mode, software instructions determine whether it is a
CMOS output or Schmitt trigger input . On serial output mode,
SOUT pin is a CMOS output. PB4 shares pad with SOUT.
78
79
PB3
PB2
I/O
¾
Software instructions determine whether it is a CMOS out-
put or Schmitt trigger input with pull-high resistor. When the
PB6/TMR1/RTF pad is selected to be in RTF mode, the
PB3, PB2 pull-high resistor is not present.
87~80
PA0~PA7
I/O
Wake-up
or
None Wake-up
Bidirectional 8-bit input/output port. Each bit can be config-
ured as a wake-up input by mask option. Software instruc-
tions determine whether it is a CMOS output or Schmitt
trigger input with pull-high resistor.
88
89
XIN/PC7/SEG63
XOUT/PC6/SEG62
I
or
I/O
or
O
Crystal or I/O
or Segment
Output
Selectable as 32768Hz crystal or bidirectional input/output
or segment signal output by mask option. 32768Hz crystal
for timer3 and LCD clock source. XOUT and PC6 share
with SEG62 Pad,XIN and PC7 share with SEG63 pad.
95~90
103~96
111~104
PC0~5/SEG56~61
PD0~7/SEG48~55
PE0~7/SEG40~47
I/O
or
O
I/O or
Segment Output
Three bidirectional 8-bit input/output ports. Software in-
structions determine the CMOS output or Schmitt trigger in-
put with pull-high resistor. PC, PD, PE can be individually
optioned for segment output by mask option. PC0~PC7
share pads with SEG56~SEG63, PD0~PD7 share pads
with SEG48~SEG55, and PE0~PE7 share pads with
SEG40~SEG47.
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 3.6V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...............................0
°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HTG2190
Rev. 1.20
7
July 5, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com