Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 148Page - Texas Instruments TMS320DM355 Datasheet HTML 149Page - Texas Instruments TMS320DM355 Datasheet HTML 150Page - Texas Instruments TMS320DM355 Datasheet HTML 151Page - Texas Instruments TMS320DM355 Datasheet HTML 152Page - Texas Instruments TMS320DM355 Datasheet HTML 153Page - Texas Instruments TMS320DM355 Datasheet HTML 154Page - Texas Instruments TMS320DM355 Datasheet HTML 155Page - Texas Instruments TMS320DM355 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 158 page
background image
www.ti.com
6
Revision History (Revision B)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
This data sheet revision history highlights the technical changes made to the SPRS463A device-specific
data sheet to make it an SPRS463B revision.
Note: The "A" revision history table is also included in this document (see next page) because the
SPRS463A document has not been available for a long enough period of time to allow user's to digest the
revision history updates.
ADDS/CHANGES/DELETES
Global: Updated/Changed "VSA_PLL1" to "VSSA_PLL1"
Global: Updated/Changed "MX12" to "MXI2"
Global: Updated/Changed the signal from "DDR_GATE0" to "DDR_DQGATE0" and the associated pin descriptions
Global: Updated/Changed the signal from "DDR_GATE1" to "DDR_DQGATE1" and the associated pin descriptions
Section 1.1, Features:
•
Video Processing Subsystem feature:
–
14-Bit Parallel AFE (Analog Front End) Interface Up to 67.5 MHz:
Updated/Changed speed from 67.5 MHz to 75 MHz
Section 1.3, Functional Block Diagram:
•
Updated/Changed "3A" to "H3A"
•
Updated/Changed "(EMIF2.3)" to "(AEMIF)"
Section 2.4.7, Universal Serial Bus (USB) Interface:
Table 2-13, USB Terminal Functions:
•
Updated/Changed the VSS_USB_REF description
Section 2.5, Pin List:
Table 2-23, DM355 Pin Descriptions:
•
Updated/Changed the VSS_USB_REF description
Section 2.6.3, Device Documentation:
•
Updated/Changed the "Related Documentation From Texas Instruments" lists
Section 3.2.4, Tightly Coupled Memory (TCM):
•
Updated/Changed the "ARM internal ROM ..." sentence
Section 3.5, Device Clocking, Section 3.5.1, Overview:
•
Updated/Changed "MXI1/MXOI" to "MXI1/MXO1"
•
Updated/Changted figure reference in "A block diagram of DM355's clocking ..." sentence
Section 3.5.3.1.1, DM355-270 PLL1 (24 MHz reference):
Table 3-6, PLL1 Supported Clocking Configurations for DM355-270 (24 MHz reference):
•
Updated/Changed the VPSS column header from "PLLDIV4 (/2 fixed)" to "PLLDIV4 (/4 or /2 programmable)"
Section 3.5.3.2.1, DM355-270 PLL1 (36 MHz reference):
Table 3-8, PLL1 Supported Clocking Configurations for DM355-270 (36 MHz reference):
•
Updated/Changed the VPSS column header from "PLLDIV4 (/2 fixed)" to "PLLDIV4 (/4 or /2 programmable)"
Section 3.11.5.2, AEMIF Timing Configuration:
•
Updated/Changed "MXI" to "MXI1"
Section 5.3.1, Power-Supply Sequencing, Power-On: and Power-Off::
•
Deleted the "VDDA18" reference for both the 2. Power on 1.8 V and 2. Power off 1.8 V rows
Section 5.9.1.1, CCD Controller (CCDC) Section:
•
Support for up to 75 MHz sensor clock (270-MHz speed grade device) bullet:
Updated/Changed speed from 67.5 MHz to 75 MHz
Revision History (Revision B)
152
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com