| Electronic Components Datasheet Search |
|
TMS320DM355 Datasheet(PDF) 153 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 Datasheet(HTML) 153 Page - Texas Instruments |
|
153 / 158 page ![]() www.ti.com TMS320DM355 Digital Media System-on-Chip (DMSoC) SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007 ADDS/CHANGES/DELETES Section 5.9.1.4, VPFE Electrical Data/Timing Section: Table 5-17, Timing Requirements for VPFE PCLK Master/Slave Mode: • Deleted DM355-216 column • Deleted the "The PCLK frequency must ..." footnote • Updated/Changed tc(PCLK), Cycle time PCLK row • Added two new associated footnotes Section 5.9.2.3, VPBE Electrical Data/Timing: Table 5-21, Timing Requirements for VPBE CLK Inputs: • Deleted the "When the CCDC is used ..." footnote • Added "For timing specifications relating to PCLK ..." footnote Section 5.9.2.3, VPBE Electrical Data/Timing: Table 5-24, Switching Characteristics Over Recommended Operating Conditions for VPBE Control and Data Output With Respect to VCLK: • Updated "VCLKIN = PCLK or EXTCLK" footnote SPI Master Mode Timings (Clock Phase = 0), Table 5-29, Timing Requirements for SPI Master Mode [Clock Phase = 0]: • Updated/Changed "P = 1/SYSCLK2 in nanoseconds (ns) ..." footnote Section 5.14, Audio Serial Port (ASP): • Updated/Changed " µ-Law and A-Law commanding" to "µ-Law and A-Law companding" bullet Section 5.14.1, ASP Electrical Data/Timing: Table 5-36, Switching Characteristics Over Recommended Operating Conditions for ASP: • Deleted "Extra delay from FSX to DX valid ..." footnote and associated references; no longer applicable • Added "Minimum CLKR/X cycle ..." footnote and associated references • Added "C = H or L ..." footnote and associated references Table 5-38, ASP as SPI Switching Characteristics, CLKSTP = 10b, CLKXP = 0: • Updated/Changed MIN/MAX values for parameters for M25 and M27 • Updated/Changed associated "T = BCLKX period = ..." footnote Table 5-40, ASP as SPI Switching Characteristics, CLKSTP = 11b, CLKXP = 0: • Updated/Changed MIN/MAX values for parameters for M34 and M38 • Updated/Changed associated "T = CLKX period = ..." footnote Table 5-42, ASP as SPI Switching Characteristics, CLKSTP = 10b, CLKXP = 1: • Updated/Changed MIN/MAX values for parameters for M44 and M46 • Updated/Changed associated "T = CLKX period = ..." footnote Table 5-44, ASP as SPI Switching Characteristics, CLKSTP = 11b, CLKXP = 1: • Updated/Changed MIN/MAX values for parameters for M53 and M57 • Updated/Changed associated "T = CLKX period = ..." footnote Submit Documentation Feedback Revision History (Revision B) 153 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |