Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 154 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 150Page - Texas Instruments TMS320DM355 Datasheet HTML 151Page - Texas Instruments TMS320DM355 Datasheet HTML 152Page - Texas Instruments TMS320DM355 Datasheet HTML 153Page - Texas Instruments TMS320DM355 Datasheet HTML 154Page - Texas Instruments TMS320DM355 Datasheet HTML 155Page - Texas Instruments TMS320DM355 Datasheet HTML 156Page - Texas Instruments TMS320DM355 Datasheet HTML 157Page - Texas Instruments TMS320DM355 Datasheet HTML 158Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 154 / 158 page
background image
www.ti.com
7
Revision History (Revision A)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
This data sheet revision history highlights the technical changes made to the SPRS463 device-specific
data sheet to make it an SPRS463A revision.
Scope:
Updated DM355 Pin Descriptions table, etc.
ADDS/CHANGES/DELETES
Section 1.1, Features:
•
Video Processing Subsystem feature:
–
14-Bit Parallel AFE (Analog Front End) Interface: Changed speed from 75 MHz to 67.5 MHz
Table 2-1, Characteristics of the Processor:
•
Corrected the Product Status
Updated Table 2-3, DM355 ARM Configuration Bus Access to Peripherals
Updated Figure 2-1, Pin Map [Quadrant A]
Updated Figure 2-2, Pin Map [Quadrant B]
Updated Figure 2-3, Pin Map [Quadrant C]
Updated Figure 2-4, Pin Map [Quadrant D]
Table 2-7, Digital Video Terminal Functions:
•
Changed Terminal No. of YOUT7-R7 from "C2" to "C3"
Table 2-9, Asynchronous EMIF/NAND/OneNAND Terminal Functions:
•
Changed Terminal No. of EM_BA0/GIO054/EM_A14 from "T19" to "N19"
•
H16: Changed Terminal Name from EM_AVD/GIO032 to EM_ADV/GIO032
Table 2-10, DDR Terminal Functions:
•
R11: Changed Terminal Name from DDR_VSSDLL to VSSA_DLL
•
R10: Changed Terminal Name from DDR_VDDDLL to VDDA33_DDRDLL
Updated Table 2-11, GPIO Terminal Functions
Section 2.4.7, Universal Serial Bus (USB) Interface:
•
Deleted NOTE about OTG supplies not being supported
Updated Table 2-13, USB Terminal Functions
Table 2-17, SPI Terminal Functions:
•
Changed Terminal No. of GIO007/SPI0_SDENA[1] from "B12" to "C17"
Table 2-21, System/Boot Terminal Functions:
•
Updated all Terminal Names — changed "GOP" to "GIO"
Updated Table 2-23, DM355 Pin Descriptions
Section 3.1.1, Components of the ARM Subsystem:
•
Updated the "Video Processing Front End (VPFE)" sub-list
Updated Table 3-7, PLL2 Supported Clocking Configurations for DM355-270 (24 MHz reference)
Table 3-9:
•
Changed title from "PLL2 Supported Clocking Configurations for DM355L (36 MHz reference)" to "PLL2 Supported Clocking
Configurations for DM355-270 (36 MHz reference)"
•
Updated table
Section 3.12.1, Boot Modes Overview:
•
"If BTSEL[1:0] = 01" bulleted item: Changed "Asynchronous EMIF (AEMIF or NOR Flash) boot." to "Asynchronous EMIF (AEMIF)
boot."
Section 4.2, Recommended Operating Conditions:
•
Changed VDD_PLL1 to VDDA_PLL1
•
Changed VDD_PLL2 to VDDA_PLL2
•
Added VDDA33_DDRDLL (Supply voltage, DDR DLL Analog)
•
Removed VDDA18 (Supply voltage, Analog)
•
Changed VSSA_USB to VSS_USB
•
Removed VSSA (Supply ground, Analog)
•
Updated descriptions of VSS_MX1 and VSS_MX2
Revision History (Revision A)
154
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com