Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 75 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 75 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 71Page - Intel Corporation CD2481 Datasheet HTML 72Page - Intel Corporation CD2481 Datasheet HTML 73Page - Intel Corporation CD2481 Datasheet HTML 74Page - Intel Corporation CD2481 Datasheet HTML 75Page - Intel Corporation CD2481 Datasheet HTML 76Page - Intel Corporation CD2481 Datasheet HTML 77Page - Intel Corporation CD2481 Datasheet HTML 78Page - Intel Corporation CD2481 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
75
7.0
Protocol Processing
The protocols supported by the device depend on the microcode image downloaded at boot time.
This section describes all protocols included in the standard microcode image from Intel.
7.1
HDLC Processing
7.1.1
FCS (Frame Check Sequence)
The FCS is a 16 bit standard computation as used in HDLC, and defined in ISO 3309. This FCS
algorithm is the same used with the synchronous HDLC operation of the CD2481. The basic
characteristics of the FCS are as shown below:
Accumulation: FCS computation starts after the opening flag and continues to the closing flag.
Polynomial: The standard polynomial is:
x**16 + x**12 + x**5 + 1
Pre-load: The FCS 16-bit accumulator is preset to all ‘1’s.
Transmit order: The FCS bits are identified as X15 to X0. The most-significant bit is X15, and is
transmitted first. Thus, the first FCS character transmitted has bits X15–X8 in character positions
D1–D8, respectively. The second FCS character has bits X7–X0 in character positions D1–D8,
respectively.
Transmit polarity: Inverted.
Correct remainder: The receiver calculates the entire received frame, including the received FCS
field. If the frame is received error-free, then the correct remainder in the FCS accumulation is ‘F 0
B 8’ (X15 is the leftmost bit).
The FCS can be individually enabled or disabled for the transmitter and receiver.
If enabled for the transmitter, the device appends the FCS on transmitted frames. If disabled, the
device adds no FCS at the end of the frame.
If enabled for the receiver, the device computes the received FCS and reports the results. If the FCS
buffer is enabled, the device includes the 2-byte FCS in the received data presented to the host. If
disabled, the device does not test for received FCS.
7.1.2
HDLC Transmit Mode
The transmitter can be programmed to idle in either flag (01111110) or mark (continuous 1's) mode
via Idle bit in Channel Option Register 3 (COR3). When idle in mark is selected, frame
transmission can be programmed to be prepended by a programmable number of pad characters
and a programmable number of flags. The pad character can be selected as either 00 or AA; the pad
characters allow the remote receivers Phase Locked Loop to synchronize quickly to the data. When
NRZI encoding is used, the 00 character guarantees a transition every bit time; for Manchester
encoding, AA guarantees exactly one transition per bit time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com