Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 94 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 94 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 90Page - Intel Corporation CD2481 Datasheet HTML 91Page - Intel Corporation CD2481 Datasheet HTML 92Page - Intel Corporation CD2481 Datasheet HTML 93Page - Intel Corporation CD2481 Datasheet HTML 94Page - Intel Corporation CD2481 Datasheet HTML 95Page - Intel Corporation CD2481 Datasheet HTML 96Page - Intel Corporation CD2481 Datasheet HTML 97Page - Intel Corporation CD2481 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
94
Datasheet
At the end of a non-transparent frame:
At the end of a transparent frame:
Note:
For the transparent Bisync frames (receive only), the first DLE is not included in the CRC
calculation, with the exception of DLE-SYN, in which the SYN is also not included.
Transparency Support
In transmit, the CD2481 generates CRC according to the tables earlier, however the host must
insert the DLE manually in the data stream.
On receive, the CD2481 checks CRC according to the tables earlier, however it does not strip the
DLE from the data stream.
7.6.4
BCC Computation Formulas
In Bisync mode, the CD2481 can use either CRC-16 or LRC. The mode used is determined by the
setting of the LRC bit in COR2[7]. CRC-16 uses the polynomial:
x**16 + x**15 + x**2 + 1
preset to all zeroes. LRC performs a parity check on each bit of each character in the frame in a
longitudinal or “vertical” manner. For example, in the following three byte frame, the LRC, with
even parity, would be computed as shown:
Character 1:10010001
Character 2:11000001
Character 3:11000001
LRC:
10010001
Data
Data
SYN
Data
Data
SY
N
SY
N
Data Data
CRC
CRC
CRC
Data
Data
ETX
BCC
BCC
Data
Data
ETB
BCC
BCC
Data
Data
ITB
BCC
BCC
CRC Ends
Data
Data
DLE
ETX
BCC
BCC
Data
Data
DLE
ETB
BCC
BCC
Data
Data
DLE
ITB
BCC
BCC
CRC
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com