Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 46 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 46 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 42Page - Intel Corporation CD2481 Datasheet HTML 43Page - Intel Corporation CD2481 Datasheet HTML 44Page - Intel Corporation CD2481 Datasheet HTML 45Page - Intel Corporation CD2481 Datasheet HTML 46Page - Intel Corporation CD2481 Datasheet HTML 47Page - Intel Corporation CD2481 Datasheet HTML 48Page - Intel Corporation CD2481 Datasheet HTML 49Page - Intel Corporation CD2481 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
46
Datasheet
By using the simple and flexible DMA management of the CD2481, the user host processor is
concerned with transmit/receive data on a block-by-block basis. The user does not need to be
concerned with character-by-character transfers, or even filling and emptying the FIFOs. The
DMA control is user-selectable per-channel and operates independently of one another.
The CD2481 can perform DMA operations in any of the supported line protocols. A special
Append mode feature can reduce host CPU overhead for asynchronous data streams. DMA
operations are channel- and direction-specific. In each channel, either the transmitter and the
receiver, or both, can be independently programmed for DMA mode by the CMR (Channel Mode
register).
When the CD2481 acquires the bus for a DMA transfer, only data for one channel and in one
direction is transferred; then, bus ownership is relinquished. A maximum of 16 bytes — the depth
of the transmit and receive FIFOs — are transferred during any ownership cycle.
Whenever possible, DMA cycles are 16 bits wide, and buffers have the proper byte alignment.
Unaligned buffers are sent using only 8-bit-wide transfers. If the buffer begins on an even address
and contains an odd number of bytes, the CD2481 uses 16-bit transfers for all the words in the
buffer except the last transfer, which is 8 bits.
If one buffer in a chain ends on an odd address, the next buffer in the chain should also start on an
odd address to keep the proper alignment and the most efficient bus usage. In this case, only the
last transfer of the first buffer and the first transfer of the next buffer is 8 bits wide; all others are 16
bits.
The CD2481 can be forced to perform only byte-wide DMA operations by setting the byte DMA
bit in the DMR (DMA Mode register).
5.4.1
Bus Acquisition Cycle
1. CD2481 asserts BR* and waits for BGIN*.
2. When BGIN* is detected, the CD2481 can access the bus after the current bus owner
relinquishes control of the bus.
3. If BGACK* is high when BGIN* goes low, then the bus is free to access. In this case, go to
step 5.
4. If BGACK* is low when BGIN* goes low, then the bus is in use. The CD2481 waits for
BGACK* to go high.
5. Once the CD2481 senses that BGACK* is high, it waits for the current bus cycle to terminate
(DS* and DTACK* high) and then asserts BGACK* by driving it low. At that time, the
CD2481 ‘owns’ the bus. After driving BGACK* low, the CD2481 drives BR* high.
Figure 5 on page 47 is an example in which the CD2481 was required to wait to access the bus.
5.4.2
DMA Data Transfer
After the CD2481 acquires the bus, it pulses ADLD* once. This loads the upper 24 address bits to
the external 24-bit latch. This happens only once per DMA grant cycle. The AD[0–15] bits are
remapped to Memory Address bits MA[16–31], and A[0–7] are mapped to MA[8–15]. If during
DMA, the upper 24 bits need to change, the CD2481 relinquishes the bus and then reacquires the
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com