Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 42 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 42 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 38Page - Intel Corporation CD2481 Datasheet HTML 39Page - Intel Corporation CD2481 Datasheet HTML 40Page - Intel Corporation CD2481 Datasheet HTML 41Page - Intel Corporation CD2481 Datasheet HTML 42Page - Intel Corporation CD2481 Datasheet HTML 43Page - Intel Corporation CD2481 Datasheet HTML 44Page - Intel Corporation CD2481 Datasheet HTML 45Page - Intel Corporation CD2481 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
42
Datasheet
5.2.4
Hardware Signals and IACK Cycles
The IACK (interrupt acknowledge) bus cycle begins with the IACKIN* (Interrupt Acknowledge
In) and DS* asserted, and a value matching the appropriate PILR contents on the least-significant
seven address bus bits, A[6:0]. If the IACK cycle is valid (that is, the A[6:0] and PILR values
match), the corresponding vector from the interrupting channels LIVR is driven onto the data bus
and DTACK* asserted. DTACK* is released after DS* is removed.
Figure 4 shows the interrupt acknowledge cycle timing. It is similar to the basic host read cycle
except that IACKIN* is active, and CS* is inactive.
The three IREQn* pins are open-drain outputs requiring external pull-up resistors, nominally 4.7
k
Ω. The IACKOUT* (Interrupt Acknowledge Out) is used to form a daisy-chain in systems with
more than one CD2481.
5.2.4.1
Programming the PILR Registers
The three PILRs must be programmed with values that correspond to the least-significant seven
address bits that will be present on A[6:0] during the interrupt acknowledge bus cycle. Some CPUs
output the priority level of the interrupt that is being acknowledged on the bus during the IACK
cycle. In these systems the three PILR values are unique. In other systems that do not use this
scheme, the PILR values can be the same or different depending on the specific design. When all of
Table 2.
Transmit and Receive Interrupt Service Requests
Interrupt Cause
Async
HDLC
Bisync
X.21
PPP
SLIP
MNP4
Receive Good Data
1
1.Non-DMA mode
••
••
•
•
•
Break detect
••
•
•
Framing error
••
•
•
Parity error
••
•
Receive time-out, no data
••
•
•
Special character match
••
•
Transmitter empty
••
••
•
•
•
Tx FIFO threshold a
••
•
•
•
•
Receive overrun
••
••
•
•
•
Clear detect
•
CRC error
••
•
•
Residual bit count
•
Receive abort
••
•
•
•
End of frame
••
•
•
•
•
Transmit underrun
•
Bus error 2
2.DMA mode only
••
••
•
•
•
End of buffer b
••
••
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com