Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 22 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 22 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 18Page - Intel Corporation CD2481 Datasheet HTML 19Page - Intel Corporation CD2481 Datasheet HTML 20Page - Intel Corporation CD2481 Datasheet HTML 21Page - Intel Corporation CD2481 Datasheet HTML 22Page - Intel Corporation CD2481 Datasheet HTML 23Page - Intel Corporation CD2481 Datasheet HTML 24Page - Intel Corporation CD2481 Datasheet HTML 25Page - Intel Corporation CD2481 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
22
Datasheet
4.1.3
Bit Rate and Clock Option Registers
4.1.4
Channel Command and Status Registers
4.1.5
Interrupt Registers
Name
Description
Addr.
Mode 1
INT 2
MOT 3
Size
Access
Page
RBPR
Receive Baud Rate Period Register
P
C9
CB
B
R/W
145
RCOR
Receive Clock Option Register
P
CA
C8
B
R/W
145
TBPR
Transmit Baud Rate Period Register
P
C1
C3
B
R/W
146
TCOR
Transmit Clock Option Register
P
C2
C0
B
R/W
147
Name
Description
Addr.
Mode1
INT 2
MOT 3
Size
Access
Page
CCR
Channel Command Register
P
10
13
B
R/W
148
STCR
Special Transmit Command Register
P
11
12
B
R/W
150
CSR
Channel Status Register
P
19
1A
B
R
153
MSVR-RTS
MSVR-DTR
Modem Signal Value Registers
PDC
DE
B
R/W
158
PDD
DF
B
R/W
158
Name
Description
Addr.
Mode 1
INT 2
MOT 3
Size
Access
Page
LIVR
Local Interrupt Vector Register
P
0A
09
B
R/W
159
IER
Interrupt Enable Register
P
12
11
B
R/W
160
LICR
Local Interrupting Channel Register
P
25
26
B
R/W
162
STK
Stack Register
G
E0
E2
B
R
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com