Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 82 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 82 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 78Page - Intel Corporation CD2481 Datasheet HTML 79Page - Intel Corporation CD2481 Datasheet HTML 80Page - Intel Corporation CD2481 Datasheet HTML 81Page - Intel Corporation CD2481 Datasheet HTML 82Page - Intel Corporation CD2481 Datasheet HTML 83Page - Intel Corporation CD2481 Datasheet HTML 84Page - Intel Corporation CD2481 Datasheet HTML 85Page - Intel Corporation CD2481 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
82
Datasheet
7.3.2
Debugging Aids
For debug purposes, the CD2481 can send the sequence ‘ESC’, ‘END’, by setting the AbortTx bit
(STCR[6]). This is intended as an abort frame function. The STCR also has a command for sending
a bad (0 value) Stop bit, which causes a framing error at the receiving end (STCR[2]).
When the CD2481 receives the sequence ‘ESC’, ‘END’, it is reported as ‘receive abort’ in the
RISR register. A bad Stop bit is reported as a FE (framing error) in the RISR.
7.4
MNP4/ARAP Protocol Processing
7.4.1
Framing
An MNP4 (V.42) frame consists of a start flag, data octets, a stop flag, and a 16-bit FCS (frame
check sequence). The FCS uses the polynomial (
), preset to all ‘1’s, transmitted,
and inverted. The character format uses asynchronous framing with 8 data bits, no parity, and one
Stop bit. In-band flow control (XON/XOFF) is not permitted in this mode.
The start flag is a three octet sequence consisting of the start character, escape character, and STX
(0x02). The stop flag is a two octet sequence consisting of the escape character and ETX (0x03).
During transmit, if an escape character is encountered in the data stream, it is duplicated.
Conversely, the receiver discards the second of two sequential escape characters.
MNP4 is the data-link layer of ARAP 1.0 (AppleTalk
 Remote Access Protocol). ARAP 2.0 is the
same as MNP4 except for the two start and escape characters.
The CD2481 uses two Special Character registers (SCHR1 and SCHR2) to hold the definition of
the start and escape characters. There is no mode selection within the CD2481 that allows it to
determine whether it is in an ARAP 1.0 or ARAP 2.0 environment. It builds and detects frames
using the values in the two Special Character registers. The user must load the two Special
Character registers with the appropriate start and escape characters for the version in use during
channel initialization. The two special characters for each protocol are shown in Table 12.
For both versions of ARAP, frames begin with SCHR1, SCHR2, STX, and end with SCHR2 and
ETX:
• ARAP 1.0— SYN, DLE, STX, data, data, data, ... DLE, ETX
• ARAP 2.0— SOH, ESC, STX, data, data, data, ... ESC, ETX
Both versions escape the escape character (in SHCR2) by duplicating it if it appears within the data
stream.
x
16
x
12
x
5
1
++
+
Table 12. Special Character Definition
Special Character
Register 1 and 2
ARAP 1.0
ARAP 2.0
SCHR1 contains the start character
SYN
SOH
SCHR2 contains the escape character
DLE
ESC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com