Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 97 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 97 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 93Page - Intel Corporation CD2481 Datasheet HTML 94Page - Intel Corporation CD2481 Datasheet HTML 95Page - Intel Corporation CD2481 Datasheet HTML 96Page - Intel Corporation CD2481 Datasheet HTML 97Page - Intel Corporation CD2481 Datasheet HTML 98Page - Intel Corporation CD2481 Datasheet HTML 99Page - Intel Corporation CD2481 Datasheet HTML 100Page - Intel Corporation CD2481 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
97
NOTES:
1. The syn hunt state not shown. The syn hunt state consists of two sub-states that look for a
received SYN-SYN pattern. Upon receiving SYN-SYN, the state moves to BGETHDR.
2. Conditions for the state table:
— Bisync
— Receive
7.7
X.21 Call Set-Up Mode
The X.21 call setup protocol uses a combination of synchronous data and control leads to control
call progress, between a DCE and a DTE. The data can be in the form of steady state conditions (all
‘1’s, all ‘0’s, alternating ‘1’s and ‘0’s) or character synchronous data. The control leads are used in
conjunction with the steady state data conditions to pass change of state information between the
DCE and DTE. To enable detection of the steady state conditions, the SSDE bit (COR3[4]) must be
set.
7.7.1
X.21 Transmit
To minimize the CPU intervention in the transmit direction, a modified version of the ETC
(embedded transmit command) is used. ETC mode is controlled by COR2. When enabled, ETC
mode provides a means of transmitting steady state, or repetitive data patterns synchronized to the
control lead. The ETC consists of a sequence of four bytes passed to the CD2481 as normal
transmit data, with the following format:
7.7.2
X.21 Receive
In receive, the CD2481 validates the steady state conditions, passing just the change of state
information to the CPU. Steady state conditions validated are:
• All ‘1’s
• All ‘0’s
• Alternating ‘1’s and ‘0’s
• SYN the characters programmed in SCHR[1-3].
Table 16. ETC Byte Sequence
Byte 1
This byte must be 80 hex to indicate the start of a command sequence.
Byte 2
This byte indicates the required state of the control lead
00 = sets the control lead off
01 = sets the control lead on
02-FF = reserved.
Byte 3
This byte the is data character to be transmitted, and is transmitted as is, with no parity added. If
parity is required, it must be included in the byte (that is, to transmit ‘+’ with odd parity, the value AB
would be loaded).
Byte 4
This byte is a count of the number of times to transmit the character. If the count is ‘0’, the character
are sent indefinitely until new data is made available (this would be the normal mode for the steady
state conditions). In this case, when the count is ‘0’, the CD2481 always sends the data a minimum
of three times even if new data is made available sooner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com