Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 19 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 19 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 15Page - Intel Corporation CD2481 Datasheet HTML 16Page - Intel Corporation CD2481 Datasheet HTML 17Page - Intel Corporation CD2481 Datasheet HTML 18Page - Intel Corporation CD2481 Datasheet HTML 19Page - Intel Corporation CD2481 Datasheet HTML 20Page - Intel Corporation CD2481 Datasheet HTML 21Page - Intel Corporation CD2481 Datasheet HTML 22Page - Intel Corporation CD2481 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
19
CTS*[0–3]
I
CLEAR TO SEND* [0–3]: This input can be programmed to control the flow of transmit data, for
out-of-band flow control applications.
TXCIN
I
TRANSMIT CLOCK: This pin inputs the transmit clock to the bit rate generator.
CD*
I
CARRIER DETECT*: This pin is always visible in the MSVR register. CD* is a general purpose
modem input and can be used to cause modem group interrupts upon signal level transitions.
RXCIN
I
RECEIVE CLOCK: This pin inputs the receive clock to the bit rate generator.
DSR*
I
DATA SET READY*: This pin is always visible in the MSVR register. DSR* can be used to
validate receive data as well as cause modem group interrupts upon signal level transitions.
TXD[0–3]
O
TRANSMIT DATA [0–3]: Serial data output for each channel.
RXD[0–3]
I
RECEIVE DATA [0–3]: Serial data input for each channel.
BYTESWAP
I
BYTESWAP: This pin alters the byte ordering of data during certain 16-bit transfers. It also
changes that half of the data bus on which byte transfers are made, to comply with Intel or
Motorola processor systems. BYTESWAP does not alter the bus handshake signals. When
the BYTESWAP pin is high, the byte on A/D[0–7] precedes that on A/D[8–15] in a string of
transmit or receive bytes. When BYTESWAP is low, A/D[8–15] precedes A/D[0–7]. When the
BYTESWAP pin is high, bytes are transferred on A/D[0–7] when A[0] is low, and on A/D[8–15]
when A[0] is high. When BYTESWAP is low, bytes are transferred on A/D[8–15] when A[0] is
low, and A/D[0–7] when A[0] is high. A different register map is used, depending on the state of
this pin.
Byteswap Byte Alignment
0
Motorola byte alignment
1
Intel byte alignment
Table 1.
Pin Descriptions (Sheet 3 of 3)
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com