Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 34 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 34 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 30Page - Intel Corporation CD2481 Datasheet HTML 31Page - Intel Corporation CD2481 Datasheet HTML 32Page - Intel Corporation CD2481 Datasheet HTML 33Page - Intel Corporation CD2481 Datasheet HTML 34Page - Intel Corporation CD2481 Datasheet HTML 35Page - Intel Corporation CD2481 Datasheet HTML 36Page - Intel Corporation CD2481 Datasheet HTML 37Page - Intel Corporation CD2481 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
34
Datasheet
Modem End of Interrupt Register (MEOIR)
85
86
B
W
4.2.6
DMA Registers
DMA Mode Register (DMR)
F4
F6
F8
W
Bus Error Retry Count (BERCNT)
8D
8E
B
R/W
DMA Buffer Status (DMABSTS)
1A
19
B
R
4.2.6.1
DMA Receive Registers
A Receive Buffer Address Lower (ARBADRL)
40
42
W
R/W
A Receive Buffer Address Upper (ARBADRU)
42
40
W
R/W
B Receive Buffer Address Lower (BRBADRL)
44
46
W
R/W
B Receive Buffer Address Upper (BRBADRU)
46
44
W
R/W
A Buffer Receive Byte Count (ARBCNT)
48
4A
W
R/W
B Buffer Receive Byte Count (BRBCNT)
4A
48
W
R/W
A Receive Buffer Status (ARBSTS)
4C
4F
B
R/W
B Receive Buffer Status (BRBSTS)
4D
4E
B
R/W
Receive Current Buffer Address Lower (RCBADRL)
3C
3E
W
R
Receive Current Buffer Address Upper (RCBADRU)
3E
3C
W
R
4.2.6.2
DMA Transmit Registers
A Transmit Buffer Address Lower (ATBADRL)
50
52
W
R/W
A Transmit Buffer Address Upper (ATBADRU)
52
50
W
R/W
00
SetTm2
SetTm1
0000
EnSync
0
0
0
ByteDMA
0
0
0
Binary Value
TDAligr
RstApd
CrtBuf
Append
Ntbuf
Tbusy
Nrbuf
Rbusy
Berr
EOF
EOB
0
0
0
0
2481own



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com