Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 30 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 30 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 26Page - Intel Corporation CD2481 Datasheet HTML 27Page - Intel Corporation CD2481 Datasheet HTML 28Page - Intel Corporation CD2481 Datasheet HTML 29Page - Intel Corporation CD2481 Datasheet HTML 30Page - Intel Corporation CD2481 Datasheet HTML 31Page - Intel Corporation CD2481 Datasheet HTML 32Page - Intel Corporation CD2481 Datasheet HTML 33Page - Intel Corporation CD2481 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
30
Datasheet
Special Transmit Command Register (STCR)
11
12
B
R/W
HDLC, X.21 and Bisync Modes
Asynchronous Mode
Async-HDLC/PPP Mode
SLIP/MNP4 Mode
Channel Status Register (CSR)
19
1A
B
R
HDLC Mode
Bisync Mode
Asynchronous Mode
X.21 Mode
Async-HDLC/PPP Mode
SLIP/MNP4 Mode
0
AbortTx
0
0
SndSpc
SSPC2
SSPC1
SSPC0
0
AbortTx
AppdCmp
0
SndSpc
SSPC2
SSPC1
SSPC0
0
AbortTx
0
0
Sndspc
frame
Xon
Xoff
0
AbortTx
0
0
Sndspc
frame
0
0
RxEn
RxFlag
RxFrame
RxMark
TxEn
TxFlag
TxFrame
TxMark
RxEn
RxITB
RxFrame
0
TxEn
TXITB
TxFrame
0
RxEn
RxFloff
RxFlon
0
TxEn
TxFloff
TxFlon
0
RxEn
0
RxSpc
0
TxEn
0
TxSpc
0
RxEn
RxFloff
RxFrame
Rldle
TxEn
TxFloff
TxFrame
TIdle
RxEn
0
RxFrame
Rldle
TxEn
0
TxFrame
TIdle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com