Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 88 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 88 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 84Page - Intel Corporation CD2481 Datasheet HTML 85Page - Intel Corporation CD2481 Datasheet HTML 86Page - Intel Corporation CD2481 Datasheet HTML 87Page - Intel Corporation CD2481 Datasheet HTML 88Page - Intel Corporation CD2481 Datasheet HTML 89Page - Intel Corporation CD2481 Datasheet HTML 90Page - Intel Corporation CD2481 Datasheet HTML 91Page - Intel Corporation CD2481 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 222 page
background image
CD2481 — Programmable Four-Channel Communications Controller
88
Datasheet
7.5.8
UNIX Support Features
COR6 provides several functions useful in UNIX TTY drivers, to further reduce the amount of
character-by-character processing the CPU is required to perform. Separate receive and transmit
bits are provided to perform CR/NL (carriage return/new line) translations. In transmit NL can be
converted to CR NL, or CR converted to NL. In receive, CR can be discarded, NL converted to
CR, or CR converted to NL.
In receive processing, separate modes are provided to handle break and character error conditions.
Break conditions can be handled in the normal way (via a receive exception interrupt), the
condition can be discarded, or the break can be translated to a NULL (00) and passed as normal
data to the CPU. Parity and framing errors can either be handled as normal (via receive exception
interrupts), discarded, translated to a NULL (00) and passed to the CPU as normal data, or the
character can be passed to the CPU as normal data, preceded by the sequence FF 00.
The LNext option (COR7[6]) provides a mechanism to transfer flow control and other special
characters without invoking flow control or special character interrupts at the receiver. If the LNext
option is enabled when the LNext character is received, the following character is just passed to the
CPU as a normal character. The LNext character is programmed via the LNext register. The Strip
feature (COR7[7]) strips the eighth bit off each error-free received character. It has no effect on the
transmitted data. Figure 19 shows the exact order of the CD2481 character processing steps in
flowchart form.
01
1
Special character 3 matched if
character 1 and 3 sequence not
enabled
10
0
Special character 4 matched if
character 2 and 4 sequence not
enabled
11
1
The hex value of the receive
character is within the range
SCRl
≤ receive character ≤
SCRh.
Table 14. SCdet[x] Settings
SCdet2
SCdet1
SCdet0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com