Electronic Components Datasheet Search
  English  ▼

X  

CD2481 Datasheet(PDF) 23 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 23 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 19Page - Intel Corporation CD2481 Datasheet HTML 20Page - Intel Corporation CD2481 Datasheet HTML 21Page - Intel Corporation CD2481 Datasheet HTML 22Page - Intel Corporation CD2481 Datasheet HTML 23Page - Intel Corporation CD2481 Datasheet HTML 24Page - Intel Corporation CD2481 Datasheet HTML 25Page - Intel Corporation CD2481 Datasheet HTML 26Page - Intel Corporation CD2481 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
23
4.1.5.1
Receive Interrupt Registers
4.1.5.2
Transmit Interrupt Registers
4.1.5.3
Modem Interrupt Registers
Name
Description
Addr.
Mode 1
INT 2
MOT 3
Size
Access
Page
RPILR
Receive Priority Interrupt Level Register
G
E3
E1
B
R/W
163
RIR
Receive Interrupt Register
G
EF
ED
B
R
164
RISR
Receive Interrupt Status Register
G
8A
88
W
R
165
RISRl
Receive Interrupt Status Register low
G
8A
89
B
R
165
RISRh
Receive Interrupt Status Register high
G
8B
88
B
R
171
RFOC
Receive FIFO Output Count
G
33
30
B
R
172
RDR
Receive Data Register
G
F8
F8
B
R
172
REOIR
Receive End of Interrupt Register
G
87
84
B
W
173
Name
Description
Addr.
Mode 1
INT 2
MOT 3
Size
Access
Page
TPILR
Transmit Priority Interrupt Level Register
G
E2
E0
B
R/W
175
TIR
Transmit Interrupt Register
G
EE
EC
B
R
175
TISR
Transmit Interrupt Status Register
G
89
8A
B
R
176
TFTC
Transmit FIFO Transfer Count
G
83
80
B
R
177
TDR
Transmit Data Register
G
F8
F8
B
W
177
TEOIR
Transmit End of Interrupt Register
G
86
85
B
W
178
Name
Description
Addr.
Mode 1
INT 2
MOT 3
Size
Access
Page
MPILR
Modem Priority Interrupt Level Register
G
E1
E3
B
R/W
179
MIR
Modem Interrupt Register
G
ED
EF
B
R
179
MISR
Modem (/Timer) Interrupt Status Register
G
88
8B
B
R/W
180
MEOIR
Modem End of Interrupt Register
G
85
86
B
W
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com