Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 3 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 3 Page - SPANSION

  29PL256N Datasheet HTML 1Page - SPANSION 29PL256N Datasheet HTML 2Page - SPANSION 29PL256N Datasheet HTML 3Page - SPANSION 29PL256N Datasheet HTML 4Page - SPANSION 29PL256N Datasheet HTML 5Page - SPANSION 29PL256N Datasheet HTML 6Page - SPANSION 29PL256N Datasheet HTML 7Page - SPANSION 29PL256N Datasheet HTML 8Page - SPANSION 29PL256N Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S29PL-N_00
Revision A
Amendment 5
Issue Date June 6, 2007
General Description
The Spansion Family Name is the latest generation 3.0-Volt page mode read family fabricated using the 110 nm Mirrorbit
TM
Flash process technology. These 8-word page-mode Flash devices are capable of performing simultaneous read and write
operations with zero latency on two separate banks. These devices offer fast page access times of 25 to 30 ns, with
corresponding random access times of 65 ns, 70 ns, and 80 ns respectively, allowing high speed microprocessors to operate
without wait states. The S29PL129N device offers the additional feature of dual chip enable inputs (CE1# and CE2#) that allow
each half of the memory space to be controlled separately.
Distinctive Characteristics
Architectural Advantages
32-Word Write Buffer
Dual Chip Enable Inputs (only for S29PL129N)
– Two CE# inputs control selection of each half of the memory space
Single Power Supply Operation
– Full Voltage range of 2.7 – 3.6 V read, erase, and program
operations for battery-powered applications
– Voltage range of 2.7 – 3.1 V valid for PL-N MCP products
Simultaneous Read/Write Operation
– Data can be continuously read from one bank while executing
erase/program functions in another bank
– Zero latency switching from write to read operations
4-Bank Sector Architecture with Top and Bottom Boot Blocks
256-Word Secured Silicon Sector Region
– Up to 128 factory-locked words
– Up to 128 customer-lockable words
Manufactured on 0.11 µm Process Technology
Data Retention of 20 years Typical
Cycling Endurance of 100,000 Cycles per Sector Typical
Hardware Features
WP#/ACC (Write Protect/Acceleration) Input
–At VIL, hardware level protection for the first and last two 32 Kword
sectors.
–At VIH, allows the use of DYB/PPB sector protection
–At VHH, provides accelerated programming in a factory setting
Dual Boot and No Boot Options
Low VCC Write Inhibit
Security Features
Persistent Sector Protection
– A command sector protection method to lock combinations of
individual sectors to prevent program or erase operations within that
sector
– Sectors can be locked and unlocked in-system at VCC level
Password Sector Protection
– A sophisticated sector protection method locks combinations of
individual sectors to prevent program or erase operations within that
sector using a user defined 64-bit password
S29PL-N MirrorBit
™ Flash Family
29PL256N, S29PL127N, S29PL129N,
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only
Simultaneous Read/Write, Page-Mode Flash Memory
Data Sheet (Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com