Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 37 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 37 Page - SPANSION

Back Button 29PL256N Datasheet HTML 33Page - SPANSION 29PL256N Datasheet HTML 34Page - SPANSION 29PL256N Datasheet HTML 35Page - SPANSION 29PL256N Datasheet HTML 36Page - SPANSION 29PL256N Datasheet HTML 37Page - SPANSION 29PL256N Datasheet HTML 38Page - SPANSION 29PL256N Datasheet HTML 39Page - SPANSION 29PL256N Datasheet HTML 40Page - SPANSION 29PL256N Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
37
Da ta
Shee t
(Prelim i nar y )
7.4.9
Write Operation Status
The device provides several bits to determine the status of a program or erase operation. The following
subsections describe the function of DQ1, DQ2, DQ3, DQ5, DQ6, and DQ7.
DQ7: Data# Polling.
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase algorithm
is in progress or completed, or whether a bank is in Erase Suspend. Data# Polling is valid after the rising
edge of the final WE# pulse in the command sequence. Note that the Data# Polling is valid only for the last
word being programmed in the write-buffer-page during Write Buffer Programming. Reading Data# Polling
status on any word other than the last word to be programmed in the write-buffer-page returns false status
information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system
must provide the program address to read valid status information on DQ7. If a program address falls within a
protected sector, Data# polling on DQ7 is active for approximately tPSP, then that bank returns to the read
mode.
During the Embedded Erase Algorithm, Data# polling produces a 0 on DQ7. When the Embedded Erase
algorithm is complete, or if the bank enters the Erase Suspend mode, Data# Polling produces a 1 on DQ7.
The system must provide an address within any of the sectors selected for erasure to read valid status
information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling
on DQ7 is active for approximately tASP, then the bank returns to the read mode. If not all selected sectors are
protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors
that are protected. However, if the system reads DQ7 at an address within a protected sector, the status may
not be valid.
Just prior to the completion of an Embedded Program or Erase operation, DQ7 can change asynchronously
with DQ6 – DQ0 while Output Enable (OE#) is asserted low. That is, the device may change from providing
status information to valid data on DQ7. Depending on when the system samples the DQ7 output, it may read
the status or valid data. Even if the device has completed the program or erase operation and DQ7 has valid
data, the data outputs on DQ6 – DQ0 may be still invalid. Valid data on DQ7 – DQ0 appears on successive
read cycles.
See the following for more information: Table 7.18, Write Operation Status on page 40, shows the outputs for
Data# Polling on DQ7. Figure 7.4, Write Operation Status Flowchart on page 38, shows the Data# Polling
algorithm. Figure 11.13, Data# Polling Timings (During Embedded Algorithms) on page 64 shows the Data#
Polling timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com