Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 19 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 19 Page - SPANSION

Back Button 29PL256N Datasheet HTML 15Page - SPANSION 29PL256N Datasheet HTML 16Page - SPANSION 29PL256N Datasheet HTML 17Page - SPANSION 29PL256N Datasheet HTML 18Page - SPANSION 29PL256N Datasheet HTML 19Page - SPANSION 29PL256N Datasheet HTML 20Page - SPANSION 29PL256N Datasheet HTML 21Page - SPANSION 29PL256N Datasheet HTML 22Page - SPANSION 29PL256N Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
19
Da ta
Shee t
(Prelim i nar y )
Note
Ellipses indicate that other addresses in sector range follow the same pattern.
Table 6.2 PL127N Sector and Memory Address Map
Bank
Bank
Size
Sector
Count
Sector Size
(KB)
Sector/
Sector Range
Address Range
Notes
A
2 MB
4
64
SA00
000000h-007FFFh
Sector Starting Address -
Sector Ending Address
64
SA01
008000h-00FFFFh
64
SA02
010000h-017FFFh
64
SA03
018000h-01FFFFh
7
256
SA04
020000h-03FFFFh
Sector Starting Address –
Sector Ending Address
(see note)
256
SA10
0E0000h-0FFFFFh
B
6 MB
24
256
SA11
100000h-11FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA34
3E0000h-3FFFFFh
C
6 MB
24
256
SA35
400000h-41FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA58
6E0000h-6FFFFFh
D
2 MB
7
256
SA59
700000h-71FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA65
7C0000h-7DFFFFh
4
64
SA66
7E0000h-7E7FFFh
Sector Starting Address -
Sector Ending Address
64
SA67
7E80000h-7EFFFFh
64
SA68
7F0000h-7F7FFFh
64
SA69
7F8000h-7FFFFFh
Table 6.3 PL129N Sector and Memory Address Map
Bank
Bank
Size
Sector
Count
Sector Size
(KB)
CE1#
CE2#
Sector/
Sector
Range
Address Range
Notes
1A
2 MB
4
64
VIL
VIH
SA00
000000h-007FFFh
Sector Starting Address -
Sector Ending Address
64
SA01
008000h-00FFFFh
64
SA02
010000h-017FFFh
64
SA03
018000h-01FFFFh
7
256
SA04
020000h-03FFFFh
Sector Starting Address –
Sector Ending Address
(see note)
256
SA10
0E0000h-0FFFFFh
1B
6 MB
24
256
SA11
100000h-11FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA34
3E0000h-3FFFFFh
2A
6 MB
24
256
VIH
VIL
SA35
000000h-01FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA58
2E0000h - 2FFFFFh
2B
2 MB
7
256
SA59
300000h-31FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA65
3C0000h-3DFFFFh
4
64
SA66
3E0000h-3E7FFFH
Sector Starting Address -
Sector Ending Address
64
SA67
3E8000h-3EFFFFh
64
SA68
3F0000h-3F7FFFh
64
SA69
3F8000h-3FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com