Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 63 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 63 Page - SPANSION

Back Button 29PL256N Datasheet HTML 59Page - SPANSION 29PL256N Datasheet HTML 60Page - SPANSION 29PL256N Datasheet HTML 61Page - SPANSION 29PL256N Datasheet HTML 62Page - SPANSION 29PL256N Datasheet HTML 63Page - SPANSION 29PL256N Datasheet HTML 64Page - SPANSION 29PL256N Datasheet HTML 65Page - SPANSION 29PL256N Datasheet HTML 66Page - SPANSION 29PL256N Datasheet HTML 67Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
63
Da ta
Shee t
(Prelim i nar y )
Figure 11.11 Chip/Sector Erase Operation Timings
Note
SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see Write Operation Status on page 37)
Figure 11.12 Back-to-back Read/Write Cycle Timings
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
Status
DOUT
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
OE#
CE#
WE#
Addresses
tOH
Data
Valid
In
Valid
In
Valid PA
Valid RA
tWC
tWPH
tAH
tWP
tDS
tDH
tAS
tRC
tCE
tAH
Valid
Out
tOE
tACC
tOEH
tGHWL
tDF
Valid
In
CE# Controlled Write Cycles
WE# Controlled Write Cycle
Valid PA
Valid PA
tCP
tCPH
tWC
tWC
Read Cycle
tSR/W
tAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com