Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 18 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 18 Page - SPANSION

Back Button 29PL256N Datasheet HTML 14Page - SPANSION 29PL256N Datasheet HTML 15Page - SPANSION 29PL256N Datasheet HTML 16Page - SPANSION 29PL256N Datasheet HTML 17Page - SPANSION 29PL256N Datasheet HTML 18Page - SPANSION 29PL256N Datasheet HTML 19Page - SPANSION 29PL256N Datasheet HTML 20Page - SPANSION 29PL256N Datasheet HTML 21Page - SPANSION 29PL256N Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
18
S29PL-N MirrorBit
™ Flash Family
S29PL-N_00_A5 June 6, 2007
Data
Sheet
(Pre limin ar y)
6.
Product Overview
The S29PL-N family consists of 256 and 128 Mb, 3.0 volts-only, simultaneous read/write page-mode read
Flash devices that are optimized for wireless designs of today that demand large storage array and rich
functionality, while requiring low power consumption. These products also offer 32-word buffer for
programming with program and erase suspend/resume functionality. Additional features include:
Advanced Sector Protection methods for protecting an individual or group of sectors as required,
256-word of secured silicon area for storing customer and factory secured information
Simultaneous Read/Write operation
6.1
Memory Map
The S29PL-N devices consist of 4 banks organized as shown in Table 6.1, 6.2, and 6.3.
Note
Ellipses indicate that other addresses in sector range follow the same pattern.
Table 6.1 PL256N Sector and Memory Address Map
Bank
Bank
Size
Sector
Count
Sector Size
(KB)
Sector/
Sector Range
Address Range
Notes
A
4MB
4
64
SA00
000000h-007FFFh
Sector Starting Address –
Sector Ending Address
64
SA01
008000h-00FFFFh
64
SA02
010000h-017FFFh
64
SA03
018000h-01FFFFh
15
256
SA04
020000h-03FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA018
1E0000h-1FFFFFh
B
12 MB
48
256
SA19
200000h-21FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA66
7E0000h-7FFFFFh
C
12 MB
48
256
SA67
800000h-81FFFFh
First Sector, Sector Starting Address -
Last Sector, Sector Ending Address
(see note)
256
SA114
DE0000h-DFFFFFh
D
4MB
15
256
SA115
E00000h-E1FFFFh
Sector Starting Address -
Sector Ending Address
(see note)
256
SA129
FC0000h-FDFFFFh
4
64
SA130
FE0000h-FE7FFFh
Sector Starting Address -
Sector Ending Address
64
SA131
FE8000h-FEFFFFh
64
SA132
FF0000h-FF7FFFh
64
SA133
FF8000h-FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com