Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 57 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 57 Page - SPANSION

Back Button 29PL256N Datasheet HTML 53Page - SPANSION 29PL256N Datasheet HTML 54Page - SPANSION 29PL256N Datasheet HTML 55Page - SPANSION 29PL256N Datasheet HTML 56Page - SPANSION 29PL256N Datasheet HTML 57Page - SPANSION 29PL256N Datasheet HTML 58Page - SPANSION 29PL256N Datasheet HTML 59Page - SPANSION 29PL256N Datasheet HTML 60Page - SPANSION 29PL256N Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
57
Da ta
Shee t
(Prelim i nar y )
11.7
DC Characteristics
11.7.1
DC Characteristics (VCC = 2.7 V to 3.6 V)
(CMOS Compatible)
Notes
1. The ICC current listed is typically less than 5 mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC =VCC max, TA =TAmax. Typical ICC specifications are with typical VCC=3.0 V,
TA = +25°C.
3. ICC is active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC +30 ns. Typical sleep mode current is 1 µA.
5. Not 100% tested.
6. The data in the table is for VCC range 2.7 V to 3.6 V (recommended for standalone applications).
7. CE1# and CE2# for the PL129N.
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
(Note 2)
Typ
(Note 2)
Max
Unit
ILI
Input Load Current
VIN =VSS to VCC, VCC =VCC max (6)±2.0
µA
ILO
Output Leakage Current
VOUT =VSS to VCC, OE# = VIH
VCC =VCC max (6)
±1.0
µA
ICC1
VCC Active Read Current (1, 3)
OE# = VIH,
VCC =VCC max (1, 6)
5 MHz
30
45
mA
ICC2
VCC Active Write Current (3)OE# = VIH, WE# = VIL
25
50
mA
ICC3
VCC Standby Current
CE# (7), RESET#,
WP#/ACC = VCC ± 0.3 V
20
40
µA
ICC4
VCC Reset Current
RESET# = VSS ± 0.3 V
300
500
µA
ICC5
Automatic Sleep Mode (4)VIH =VCC ±0.3 V; VIL =VSS ± 0.3 V
20
40
µA
ICC6
VCC Active Read-While-Write
Current (1)
OE# = VIH
5 MHz
35
50
mA
ICC7
VCC Active Program-While-Erase-
Suspended Current (5)
OE# = VIH
27
55
mA
ICC8
VCC Active Page Read Current
OE# = VIH, 8 word
Page Read
40 MHz
6
10
mA
VIL
Input Low Voltage
VCC = 2.7 to 3.6 V
–0.5
0.8
V
VIH
Input High Voltage
VCC = 2.7 to 3.6 V
2.0
VCC +0.3
V
VHH
Voltage for ACC Program
Acceleration
VCC = 3.0 V ±10% (6)8.5
9.5
V
VOL
Output Low Voltage
IOL = 100 µA, VCC =VCC min (6)0.1
V
VOH
Output High Voltage
IOH = –100 µA (6)VCC –0.2
V
VLKO
Low VCC Lock-Out Voltage (5)2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com