Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 35 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 35 Page - SPANSION

Back Button 29PL256N Datasheet HTML 31Page - SPANSION 29PL256N Datasheet HTML 32Page - SPANSION 29PL256N Datasheet HTML 33Page - SPANSION 29PL256N Datasheet HTML 34Page - SPANSION 29PL256N Datasheet HTML 35Page - SPANSION 29PL256N Datasheet HTML 36Page - SPANSION 29PL256N Datasheet HTML 37Page - SPANSION 29PL256N Datasheet HTML 38Page - SPANSION 29PL256N Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
35
Da ta
Shee t
(Prelim i nar y )
7.4.7
Accelerated Program
Accelerated single word programming, write buffer programming, sector erase, and chip erase operations are
enabled through the ACC function. This method is faster than the standard chip program and erase command
sequences.
The accelerated chip program and erase functions must not be used more than 10 times per sector.
In addition, accelerated chip program and erase should be performed at room temperature (25
°C ±10°C).
This function is primarily intended to allow faster manufacturing throughput at the factory. If the system
asserts VHH on this input, the device automatically enters the aforementioned Unlock Bypass mode and uses
the higher voltage on the input to reduce the time required for program and erase operations. The system can
then use the Write Buffer Load command sequence provided by the Unlock Bypass mode. Note that if a
Write-to-Buffer-Abort Reset is required while in Unlock Bypass mode, the full 3-cycle RESET command
sequence must be used to reset the device. Removing VHH from the ACC input, upon completion of the
embedded program or erase operation, returns the device to normal operation.
Sectors must be unlocked prior to raising WP#/ACC to VHH.
The WP#/ACC must not be at VHH for operations other than accelerated programming and accelerated
chip erase, or device damage can result.
Set the ACC pin at VCC when accelerated programming not in use.
7.4.8
Unlock Bypass
The device features an Unlock Bypass mode to facilitate faster word programming. Once the device enters
the Unlock Bypass mode, only two write cycles are required to program data, instead of the normal four
cycles.
This mode dispenses with the initial two unlock cycles required in the standard program command sequence,
resulting in faster total programming time. Table 12.1, Memory Array Commands on page 66 shows the
requirements for the unlock bypass command sequences.
During the unlock bypass mode, only the Read, Unlock Bypass Program and Unlock Bypass Reset
commands are valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass
reset command sequence. The first cycle must contain the bank address and the data 90h. The second cycle
need only contain the data 00h. The bank then returns to the read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com