Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 53 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 53 Page - SPANSION

Back Button 29PL256N Datasheet HTML 49Page - SPANSION 29PL256N Datasheet HTML 50Page - SPANSION 29PL256N Datasheet HTML 51Page - SPANSION 29PL256N Datasheet HTML 52Page - SPANSION 29PL256N Datasheet HTML 53Page - SPANSION 29PL256N Datasheet HTML 54Page - SPANSION 29PL256N Datasheet HTML 55Page - SPANSION 29PL256N Datasheet HTML 56Page - SPANSION 29PL256N Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
53
Da ta
Shee t
(Prelim i nar y )
Software Functions and Sample Code
The following are C functions and source code examples of using the Secured Silicon Sector Entry, Program,
and exit commands. Refer to the Spansion Low Level Driver User Guide (available soon on
www.spansion.com) for general information on Spansion Flash memory software development guidelines.
Note
Base = Base Address.
/* Example: SecSi Sector Entry Command */
*((UINT16 *)base_addr + 0x555) = 0x00AA;
/* write unlock cycle 1
*/
*((UINT16 *)base_addr + 0x2AA) = 0x0055;
/* write unlock cycle 2
*/
*((UINT16 *)base_addr + 0x555) = 0x0088;
/* write Secsi Sector Entry Cmd
*/
Note
Base = Base Address.
/* Once in the SecSi Sector mode, you program */
/* words using the programming algorithm.
*/
Note
Base = Base Address.
/* Example: SecSi Sector Exit Command */
*((UINT16 *)base_addr + 0x555) = 0x00AA;
/* write unlock cycle 1
*/
*((UINT16 *)base_addr + 0x2AA) = 0x0055;
/* write unlock cycle 2
*/
*((UINT16 *)base_addr + 0x555) = 0x0090;
/* write SecSi Sector Exit cycle 3 */
*((UINT16 *)base_addr + 0x000) = 0x0000;
/* write SecSi Sector Exit cycle 4 */
Table 10.2 Secured Silicon Sector Entry
(LLD Function = lld_SecSiSectorEntryCmd)
Cycle
Operation
Word Address
Data
Unlock Cycle 1
Write
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 2AAh
0055h
Entry Cycle
Write
Base + 555h
0088h
Table 10.3 Secured Silicon Sector Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Word Address
Data
Unlock Cycle 1
Write
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 2AAh
0055h
Program Setup
Write
Base + 555h
00A0h
Program
Write
Word Address
Data Word
Table 10.4 Secured Silicon Sector Exit
(LLD Function = lld_SecSiSectorExitCmd)
Cycle
Operation
Word Address
Data
Unlock Cycle 1
Write
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 2AAh
0055h
Exit Cycle
Write
Base + 555h
0090h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com