Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 38 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 38 Page - SPANSION

Back Button 29PL256N Datasheet HTML 34Page - SPANSION 29PL256N Datasheet HTML 35Page - SPANSION 29PL256N Datasheet HTML 36Page - SPANSION 29PL256N Datasheet HTML 37Page - SPANSION 29PL256N Datasheet HTML 38Page - SPANSION 29PL256N Datasheet HTML 39Page - SPANSION 29PL256N Datasheet HTML 40Page - SPANSION 29PL256N Datasheet HTML 41Page - SPANSION 29PL256N Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
38
S29PL-N MirrorBit
™ Flash Family
S29PL-N_00_A5 June 6, 2007
Data
Sheet
(Pre limin ar y)
Figure 7.4 Write Operation Status Flowchart
Notes
1. DQ6 is toggling if Read2 DQ6 does not equal Read3 DQ6.
2. DQ2 is toggling if Read2 DQ2 does not equal Read3 DQ2.
3. May be due to an attempt to program a 0 to 1. Use the RESET command to exit operation.
4. Write buffer error if DQ1 of last read =1.
5. Invalid state, use RESET command to exit operation.
6. Valid data is the data that is intended to be programmed or all 1's for an erase operation.
7. Data polling algorithm valid for all operations except advanced sector protection.
START
Read 1
DQ7=valid
data?
YES
NO
Read 1
DQ5=1?
YES
NO
Write Buffer
Programming?
YES
NO
Device BUSY,
Re-Poll
Read3
DQ1=1?
YES
NO
Read 2
Read 3
Read 2
Read 3
Read 2
Read 3
Read3 DQ1=1
AND DQ7
≠
Valid Data?
YES
NO
(Note 4)
Write Buffer
Operation Failed
DQ6
toggling?
YES
NO
TIMEOUT
(Note 1)
(Note 3)
Programming
Operation?
DQ6
toggling?
YES
NO
YES
NO
DQ2
toggling?
YES
NO
Erase
Operation
Complete
Device in
Erase/Suspend
Mode
Program
Operation
Failed
DEVICE
ERROR
Erase
Operation
Complete
Read3= valid
data?
YES
NO
Device BUSY,
Re-Poll
Device BUSY,
Re-Poll
Device BUSY,
Re-Poll
(Note 1)
(Note 2)
(Note 6)
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com