Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 65 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 65 Page - SPANSION

Back Button 29PL256N Datasheet HTML 61Page - SPANSION 29PL256N Datasheet HTML 62Page - SPANSION 29PL256N Datasheet HTML 63Page - SPANSION 29PL256N Datasheet HTML 64Page - SPANSION 29PL256N Datasheet HTML 65Page - SPANSION 29PL256N Datasheet HTML 66Page - SPANSION 29PL256N Datasheet HTML 67Page - SPANSION 29PL256N Datasheet HTML 68Page - SPANSION 29PL256N Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
65
Da ta
Shee t
(Prelim i nar y )
11.8.5
Erase and Programming Performance
Notes
1. Typical program and erase times assume the following conditions: 25°C, 3.0 V VCC, 10,000 cycles. Additionally, programming typicals
assume checkerboard pattern. All values are subject to change.
2. Under worst case conditions of 90°C, VCC = 2.7 V, 100,000 cycles. All values are subject to change.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster
than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 12.1
on page 66 and Table 12.2 on page 68 for further information on command definitions.
6. Contact the local sales office for minimum cycling endurance values in specific applications and operating conditions.
7. See Application Note Erase Suspend/Resume Timing for more details.
8. Word programming specification is based upon a single word programming operation not utilizing the write buffer.
11.8.6
BGA Ball Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
(Notes)
Device
Condition
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
(Notes)
Sector Erase Time
128 Kword
VCC
1.6
7
s
Excludes 00h programming
prior to erasure (4)
ACC
1.6
7
32 Kword
VCC
0.3
4
ACC
0.3
4
Chip Erase Time
VCC
202 (PL256N)
100 (PL127N)
100(PL129N)
900 (PL256N)
450 (PL127N)
450 (PL129N)
s
ACC
130 (PL256N)
65 (PL127N)
65 (PL129N)
512 (PL256N)
256 (PL127N)
256 (PL129N)
Word Programming Time
VCC
40
400
µs
Excludes system level overhead (5)
ACC
24
240
Effective Word Programming Time
utilizing Program Write Buffer
VCC
9.4
94
µs
ACC
6
60
Total 32-Word Buffer
Programming Time
VCC
300
3000
µs
ACC
192
1920
Chip Programming Time
using 32-Word Buffer (3)
VCC
157.3 (PL256N)
78.6 (PL127N)
78.6 (PL129N)
315 (PL256N)
158 (PL127N)
158 (PL129N)
s
Excludes system level overhead (5)
ACC
100 (PL256N)
50 (PL127N)
50 (PL129N)
200 (PL256N)
100 (PL127N)
100 (PL129N)
Erase Suspend/Erase Resume
<20
µs
Program Suspend/Program Resume
<20
µs
Parameter
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
7
10
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
11
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com