Electronic Components Datasheet Search
  English  ▼

X  

29PL256N Datasheet(PDF) 23 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 23 Page - SPANSION

Back Button 29PL256N Datasheet HTML 19Page - SPANSION 29PL256N Datasheet HTML 20Page - SPANSION 29PL256N Datasheet HTML 21Page - SPANSION 29PL256N Datasheet HTML 22Page - SPANSION 29PL256N Datasheet HTML 23Page - SPANSION 29PL256N Datasheet HTML 24Page - SPANSION 29PL256N Datasheet HTML 25Page - SPANSION 29PL256N Datasheet HTML 26Page - SPANSION 29PL256N Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
23
Da ta
Shee t
(Prelim i nar y )
7.3
Autoselect
The Autoselect mode allows the host system to access manufacturer and device identification, and verify
sector protection, through identifier codes output from the internal register (separate from the memory array)
on DQ15-DQ0. This mode is primarily intended to allow equipment to automatically match a device to be
programmed with its corresponding programming algorithm. When verifying sector protection, the sector
address must appear on the appropriate highest order address bits (see Table 7.5). The remaining address
bits are don't care. When all necessary bits have been set as required, the programming equipment can then
read the corresponding identifier code on DQ15-DQ0.
The Autoselect codes can also be accessed in-system through the command register. Note that if a Bank
Address (BA) on the four uppermost address bits is asserted during the third write cycle of the Autoselect
command, the host system can read Autoselect data from that bank and then immediately read array data
from the other bank, without exiting the Autoselect mode.
To access the Autoselect codes, the host system must issue the Autoselect command.
The Autoselect command sequence can be written to an address within a bank that is either in the read or
erase-suspend-read mode.
The Autoselect command cannot be written while the device is actively programming or erasing in the other
bank.
Autoselect does not support simultaneous operations or page modes.
The system must write the reset command to return to the read mode (or erase-suspend-read mode if the
bank was previously in Erase Suspend).
See Table 12.1 on page 66 for command sequence details.
Legend
L = Logic Low = VIL
H = Logic High = VIH
BA = Bank Address
SA = Sector Address
X = Don’t care
Note
For the PL129N either CE1# or CE2# must be low to access Autoselect Codes
Table 7.4 Autoselect Codes
Description
CE#
(See Note)
OE#
WE# Amax –A12 A10 A9 A8 A7 A6
A5 –A4
A3
A2
A1
A0
DQ15 to DQ0
Manufacturer ID
L
L
H
BA
X
X
X
L
L
X
L
L
L
L
0001h
Read Cycle 1
L
LH
BA
X
X
X
L
L
L
LLL
H
227Eh
Read Cycle 2
L
H
H
H
L
223Ch (PL256N)
2220h (PL127N)
2221h (PL129N)
Read Cycle 3
L
H
H
H
H
2200h (PL256N)
2200h (PL127N)
2200h (PL129N)
Sector Protection
Verification
LL
H
SA
X
X
X
L
L
L
L
L
H
L
0000h
Unprotected (Neither DYB nor PPB
Locked)
0001h
Protected (Either DYB or PPB
Locked)
Indicator Bit
L
L
H
BA
X
X
X
L
L
L
L
L
H
H
DQ15 - DQ8 = 0
DQ7 - Factory Lock Bit
1 = Locked
0 = Not Locked
DQ6 -Customer Lock Bit
1 = Locked
0 = Not Locked
DQ5 - Handshake Bit
1 = Reserved
0 = Standard Handshake
DQ4 & DQ3 -WP# Protection Boot Code
00 = WP# Protects both Top Boot
and Bottom Boot Sectors
11 = No WP# Protection
DQ2 - DQ0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com