Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
17 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
The SBC also detects if pin RSTN is clamped HIGH. If the HIGH-level remains on the pin
for longer than tRSTN(CHT) while pin RSTN is driven internally to a LOW-level by the SBC,
the SBC falls back immediately to Fail-safe mode since the microcontroller cannot be
reset any more. By entering Fail-safe mode, the V1 voltage regulator shuts down and the
microcontroller stops.
Additionally, chattering reset signals are handled by the SBC in such a way that the
system safely falls back to Fail-safe mode with the lowest possible power consumption.
6.5.2 EN output
Pin EN can be used to control external hardware such as power components or as a
general purpose output if the system is running properly. During all reset events, when pin
RSTN is pulled LOW, the EN control bit will be cleared, pin EN will be pulled LOW and will
stay LOW after pin RSTN is released. In Normal mode and Flash mode of the SBC, the
microcontroller can set the EN control bit via the SPI. This results in releasing pin EN
which then returns to a HIGH-level.
6.6 Power supplies
6.6.1 BAT14, BAT42 and SYSINH
The SBC has two supply pins, pin BAT42 and pin BAT14. Pin BAT42 supplies most of the
SBC where pin BAT14 only supplies the linear voltage regulators and the INH/LIMP output
pin. This supply architecture allows different supply strategies including the use of
external DC-to-DC converters controlled by the pin SYSINH.
6.6.1.1
SYSINH output
The SYSINH output is a high-side switch from BAT42. It is activated whenever the SBC
requires supply voltage to pin BAT14, e.g. when V1 is on (see Figure 4 and Figure 8).
Otherwise pin SYSINH is floating. Pin SYSINH can be used to control e.g. an external
step-down voltage regulator to BAT14, to reduce power consumption in low-power modes.
6.6.2 SENSE input
The SBC has a dedicated SENSE pin for dynamic monitoring of the battery contact of an
electronic control unit. Connecting this pin in front of the polarity protection diode of the
ECU provides an early warning if the battery becomes disconnected.
6.6.3 Voltage regulator V1
The UJA1069 has an independent voltage regulator supplied out of the BAT14 pin.
Regulator V1 is intended to supply the microcontroller.
The V1 voltage is continuously monitored to provide the system reset signal when
undervoltage situations occur. Whenever the V1 voltage falls below one of the three
programmable thresholds, a hardware reset is forced.
A dedicated V1 supply comparator (V1 Monitor) observes V1 for undervoltage events
lower than VUV(VFI). This allows the application to receive a supply warning interrupt in
case one of the lower V1 undervoltage reset thresholds is selected.
The V1 regulator is overload protected. The maximum output current available from pin V1
depends on the voltage applied to pin BAT14 according to Table 25. For thermal reasons,
the total power dissipation should be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com