Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 50Page - NXP Semiconductors UJA1069 Datasheet HTML 51Page - NXP Semiconductors UJA1069 Datasheet HTML 52Page - NXP Semiconductors UJA1069 Datasheet HTML 53Page - NXP Semiconductors UJA1069 Datasheet HTML 54Page - NXP Semiconductors UJA1069 Datasheet HTML 55Page - NXP Semiconductors UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors UJA1069 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
54 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
10. Dynamic characteristics
Table 26.
Dynamic characteristics
Tvj = −40 °C to +150 °C; VBAT42 =5.5 V to52V; VBAT14 =5.5 V to27V; VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Serial peripheral interface timing; pins SCS, SCK, SDI and SDO (see Figure 24)[2]
Tcyc
clock cycle time
960
-
-
ns
tlead
enable lead time
clock is low when SPI select
falls
240
-
-
ns
tlag
enable lag time
clock is low when SPI select
rises
240
-
-
ns
tSCKH
clock HIGH time
480
-
-
ns
tSCKL
clock LOW time
480
-
-
ns
tsu
input data setup time
80
-
-
ns
th
input data hold time
400
-
-
ns
tDOV
output data valid time
pin SDO; CL = 10 pF
-
-
400
ns
tSSH
SPI select HIGH time
480
-
-
ns
LIN transceiver; pins LIN, TXDL and RXDL[3]
δ1
duty cycle 1
Vth(reces)(max) = 0.744 × VBAT42;
Vth(dom)(max) = 0.581 × VBAT42;
LSC = 0; tbit =50 µs;
VBAT42 = 7 V to 18 V
[4] 0.396
-
-
δ2
duty cycle 2
Vth(reces)(min) = 0.422 × VBAT42;
Vth(dom)(min) = 0.284 × VBAT42;
LSC = 0; tbit =50 µs;
VBAT42 = 7.6 V to 18 V
[5] -
-
0.581
δ3
duty cycle 3
Vth(reces)(max) = 0.778 × VBAT42;
Vth(dom)(max) = 0.616 × VBAT42;
LSC = 1; tbit =96 µs;
VBAT42 = 7 V to 18 V
[4] 0.417
-
-
δ4
duty cycle 4
Vth(reces)(min) = 0.389 × VBAT42;
Vth(dom)(min) = 0.251 × VBAT42;
LSC = 1; tbit =96 µs;
VBAT42 = 7.6 V to 18 V
[5] -
-
0.590
tp(rx)
propagation delay of
receiver
CRXDL =20pF
-
-
6
µs
tp(rx)(sym)
symmetry of receiver
propagation delay
rising edge with respect to
falling edge; CRXDL =20pF
−2-
+2
µs
tBUS(LIN)
minimum dominant time for
wake-up of the
LIN-transceiver
Off-line mode
30
-
150
µs
tLIN(dom)(det)
continuously dominant
clamped LIN-bus detection
time
Active mode; VLIN = 0 V
40
-
160
ms
tLIN(dom)(rec)
continuously dominant
clamped LIN-bus recovery
time
Active mode
0.8
-
2.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com