Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors UJA1069 Datasheet HTML 38Page - NXP Semiconductors UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
37 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Table 19.
System Configuration register and System Configuration Feedback register: status at reset
Symbol
Name
Power-on
Start-up
Restart
Fail-Safe
RLC
Reset Length Control
0 (short)
no change
1 (long)
1 (long)
V3C
V3 Control
00 (off)
no change
no change
no change
V1CMC
V1 Current Monitor
Control
0 (watchdog
restart)
no change
no change
no change
WEN
Wake Enable
1 (enabled)
no change
no change
no change
WSC
Wake Sample Control
0 (control)
no change
no change
no change
ILEN
INH/LIMP Enable
0 (floating)
see Figure 12
if ILC = 1,
otherwise no change
0 (floating) if ILC = 1,
otherwise no change
1 (active)
ILC
INH/LIMP Control
0 (LOW)
no change
no change
0 (LOW)
Table 20.
Physical Layer Control register and Physical Layer Control Feedback register: status at reset
Symbol
Name
Power-on
Start-up
Restart
Fail-Safe
LMC
LIN Mode Control
0 (Active mode
disabled)
no change
no change
no change
LSC
LIN Slope Control
0 (normal)
no change
no change
no change
LDC
LIN Driver Control
0 (LIN 2.0)
no change
no change
no change
LTC
LIN Transmitter Control 0 (on)
no change
no change
no change
Table 21.
Special Mode register: status at reset
Symbol
Name
Power-on
Start-up
Restart
ISDM
Initialize Software Development Mode
0 (no)
no change
no change
WDPRE
Watchdog Prescale Factor
00 (factor 1)
no change
no change
V1RTHC
V1 Reset Threshold Control
00 (90 %)
no change
00 (90 %)
Table 22.
General Purpose register 0 and General Purpose Feedback register 0: status at reset
Symbol
Name
Power-on
Start-up
Restart
DIC
Device Identification Control
0 (Device ID)
no change
no change
GP0[10:7]
general purpose bits 10 to 7 (version)
Mask version
no change
no change
GP0[6:0]
general purpose bits 6 to 0 (SBC type)
000 1001 (UJA1069) no change
no change
Table 23.
General Purpose register 1 and General Purpose Feedback register 1: status at reset
Symbol
Name
Power-on
Start-up
Restart
GP1[11:0]
general purpose bits 11 to 0
0000 0000 0000
no change
no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com