Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
11 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
When an interrupt event occurs the application software has to read the Interrupt register
within tRSTN(INT). Otherwise a fail-safe system reset is forced and Start-up mode will be
entered. If the application has read out the Interrupt register within the specified time, it
can decide whether to switch into Normal mode via an SPI access or to stay in Standby
mode.
The following operations are possible from Standby mode:
• Cyclic wake-up by the watchdog via an interrupt signal to the microcontroller (the
microcontroller is triggered periodically and checked for the correct response)
• Cyclic wake-up by the watchdog via a reset signal (a reset is performed periodically;
the SBC provides information about the reset source to allow different start
sequences after reset)
• Wake-up by activity on the LIN-bus via an interrupt signal to the microcontroller
• Wake-up by bus activity on the LIN-bus via a reset signal
• Wake-up by increasing the microcontroller supply current without a reset signal
(where a stable supply is needed for the microcontroller RAM contents to remain valid
and wake-up from an external application not connected to the SBC)
• Wake-up by increasing the microcontroller supply current with a reset signal
• Wake-up due to a falling edge at pin WAKE forcing an interrupt to the microcontroller
• Wake-up due to a falling edge at pin WAKE forcing a reset signal
6.2.6 Sleep mode
In Sleep mode the microcontroller power supply (V1) and the INH/LIMP controlled
external supplies are switched off entirely, resulting in minimum system power
consumption. In this mode, the watchdog runs in Time-out mode or is completely off.
Entering Sleep mode results in an immediate LOW level on pin RSTN, thus stopping any
operation of the microcontroller. The INH/LIMP output is floating in parallel and pin V1 is
disabled. It is also possible for V3 to be ON, OFF or in Cyclic mode to supply external
wake-up switches.
If the watchdog is not disabled in software, it will continue to run and force a system reset
upon overflow of the programmed period time. The SBC enters Start-up mode and pin V1
becomes active again. This behavior can be used for a cyclic wake-up from Sleep mode.
Depending on the application, the following operations can be selected from Sleep mode:
• Cyclic wake-up by the watchdog (only in Time-out mode); a reset is performed
periodically, the SBC provides information about the reset source to allow different
start sequences after reset
• Wake-up by activity on the LIN-bus or falling edge at pin WAKE
• An overload on V3, only if V3 is in a cyclic or in continuously ON mode
6.2.7 Flash mode
Flash mode can only be entered from Normal mode by entering a specific Flash mode
entry sequence. This fail-safe control sequence comprises three consecutive write
accesses to the Mode register, within the legal windows of the watchdog, using the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com