Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 26Page - NXP Semiconductors UJA1069 Datasheet HTML 27Page - NXP Semiconductors UJA1069 Datasheet HTML 28Page - NXP Semiconductors UJA1069 Datasheet HTML 29Page - NXP Semiconductors UJA1069 Datasheet HTML 30Page - NXP Semiconductors UJA1069 Datasheet HTML 31Page - NXP Semiconductors UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
30 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12.6 Interrupt Enable register and Interrupt Enable Feedback register
These registers allow setting, clearing and reading back the interrupt enable bits of the
SBC.
Table 7.
System Diagnosis register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
00
read System Diagnosis register
13
RRS
Read Register Select
1
12
RO
Read Only
1
read System Diagnosis register without writing to Mode
register
0
read System Diagnosis register and write to Mode register
11 to 7
-
reserved
0 0000
reserved for SBCs with CAN transceiver
6 and 5
LINFD[1:0]
LIN failure diagnosis
11
TXDL is clamped dominant
10
LIN is shorted to GND (dominant clamped)
01
LIN is shorted to VBAT (recessive clamped)
00
no failure
4
V3D
V3 diagnosis
1
OK
0
fail; V3 is disabled due to an overload situation
3
-
reserved
1
reserved for SBCs with another voltage regulator
2
V1D
V1 diagnosis
1
OK; V1 always above VUV(VFI) since last read access
0
fail; V1 was below VUV(VFI) since last read access; bit is set
again with read access
1 and 0
-
reserved
00
reserved for SBCs with CAN transceiver
Table 8.
Interrupt Enable and Interrupt Enable Feedback register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
01
select the Interrupt Enable register
13
RRS
Read Register Select
1
read the Interrupt register
0
read the Interrupt Enable Feedback register
12
RO
Read Only
1
read the register selected by RRS without writing to
Interrupt Enable register
0
read the register selected by RRS and write to Interrupt
Enable register
11
WTIE
Watchdog Time-out
Interrupt Enable[1]
1
a watchdog overflow during Standby causes an interrupt
instead of a reset event (interrupt based cyclic wake-up
feature)
0
no interrupt forced on watchdog overflow; a reset is forced
instead
10
OTIE
Over-Temperature
Interrupt Enable
1
exceeding or dropping below the temperature warning limit
causes an interrupt
0
no interrupt forced
9
-
reserved
0
reserved for SBCs with CAN transceiver
8
SPIFIE
SPI clock count Failure
Interrupt Enable
1
wrong number of CLK cycles (more than, or less than 16)
forces an interrupt; from Start-up mode and Restart mode a
reset is performed instead of an interrupt
0
no interrupt forced; SPI access is ignored if the number of
cycles does not equal 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com