Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 29Page - NXP Semiconductors UJA1069 Datasheet HTML 30Page - NXP Semiconductors UJA1069 Datasheet HTML 31Page - NXP Semiconductors UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
33 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
RLC is set automatically with entering Restart mode or Fail-safe mode. This guarantees a safe reset period in case of serious failure
situations. External reset spikes are lengthened by the SBC until the programmed reset length is reached.
[2]
If WEN is not set, the WAKE port is completely disabled. There is no change of the bits EWS and WLS within the System Status
register.
6.12.9 Physical Layer Control register and Physical Layer Control Feedback
register
These registers allow configuration of the LIN transceiver of the SBC and allow the
settings to be read back.
12
RO
Read Only
1
read register selected by RRS without writing to System
Configuration register
0
read register selected by RRS and write to System
Configuration register
11 and 10
-
reserved
00
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit
9
-
reserved
0
reserved for SBCs with CAN transceiver
8
RLC
Reset Length Control
1[1]
tRSTNL long reset lengthening time selected
0tRSTNL short reset lengthening time selected
7 and 6
V3C[1:0]
V3 Control
11
Cyclic mode 2; tw(CS) long period; see Figure 13
10
Cyclic mode 1; tw(CS) short period; see Figure 13
01
continuously ON
00
OFF
5
-
reserved
0
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit
4
V1CMC
V1 Current Monitor
Control
1
an increasing V1 current causes a reset if the watchdog
was disabled during Standby mode
0
an increasing V1 current just reactivates the watchdog
during Standby mode, and an interrupt is forced (if enabled)
3
WEN
Wake Enable[2]
1
WAKE pin enabled
0
WAKE pin disabled
2
WSC
Wake Sample Control
1
Wake mode cyclic sample
0
Wake mode continuous sample
1
ILEN
INH/LIMP Enable
1
INH/LIMP pin active (See ILC bit)
0
INH/LIMP pin floating
0
ILC
INH/LIMP Control
1
INH/LIMP pin HIGH if ILEN bit is set
0
INH/LIMP pin LOW if ILEN bit is set
Table 10.
System Configuration and System Configuration Feedback register bit description …continued
Bit
Symbol
Description
Value
Function
Table 11.
Physical Layer Control and Physical Layer Control Feedback register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
11
select Physical Layer Control register
13
RRS
Read Register Select
1
read the General Purpose Feedback register 1
0
read the Physical Layer Control Feedback register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com