Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors UJA1069 Datasheet HTML 42Page - NXP Semiconductors UJA1069 Datasheet HTML 43Page - NXP Semiconductors UJA1069 Datasheet HTML 44Page - NXP Semiconductors UJA1069 Datasheet HTML 45Page - NXP Semiconductors UJA1069 Datasheet HTML 46Page - NXP Semiconductors UJA1069 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
43 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Battery supply monitor input; pin SENSE
Vth(SENSE)
input threshold low
battery voltage
detection
1
2.5
3
V
release
1.7
-
4
V
IIH(SENSE)
HIGH-level input
current
Normal mode; BATFIE = 1
20
50
100
µA
Standby mode; BATFIE = 1
5
10
20
µA
Normal mode or Standby
mode; BATFIE = 0
-
0.2
2
µA
Voltage source; pin V1[2]; see also Figure 17 to Figure 23
Vo(V1)
output voltage
VBAT14 = 5.5 V to 18 V;
IV1 = −120 mA to −5 mA;
Tj =25 °C
VV1(nom) −
0.1
VV1(nom)
VV1(nom) +
0.1
V
VBAT14 = 14 V; IV1 = −5 mA;
Tj =25 °C
VV1(nom) −
0.025
VV1(nom)
VV1(nom) +
0.025
V
∆VV1
supply voltage
regulation
VBAT14 = 9 V to 16 V;
IV1 = −5 mA; Tj =25 °C
-
1
25
mV
load regulation
VBAT14 =14V;
IV1 = −50 mA to −5 mA;
Tj =25 °C
-
5
25
mV
voltage drift with
temperature
VBAT14 = 14 V; IV1 = −5 mA;
Tj = −40 °C to +150 °C
[3] -
-
200
ppm/K
Vdet(UV)(V1)
undervoltage
detection and reset
activation level
VBAT14 =14V;
V1RTHC[1:0] = 00 or 11
0.90
×
VV1(nom)
0.92
×
VV1(nom)
0.95
×
VV1(nom)
V
VBAT14 =14V;
V1RTHC[1:0] = 01
0.80
×
VV1(nom)
0.82
×
VV1(nom)
0.85
×
VV1(nom)
V
VBAT14 =14V;
V1RTHC[1:0] = 10
0.70
×
VV1(nom)
0.72
×
VV1(nom)
0.75
×
VV1(nom)
V
Vrel(UV)(V1)
undervoltage
detection release
level
VBAT14 = 14 V;
V1RTHC[1:0] = 00 or 11
-
0.94
×
VV1(nom)
-V
VBAT14 = 14 V;
V1RTHC[1:0] = 01
-
0.84
×
VV1(nom)
-V
VBAT14 = 14 V;
V1RTHC[1:0] = 10
-
0.74
×
VV1(nom)
-V
VUV(VFI)
undervoltage level
for generating a VFI
interrupt
VBAT14 = 14 V; VFIE = 1
0.90
×
VV1(nom)
0.93
×
VV1(nom)
0.97
×
VV1(nom)
V
IthH(V1)
undercurrent
threshold for
watchdog enable
−10
−5
−2mA
IthL(V1)
undercurrent
threshold for
watchdog disable
−6
−3
−1.5
mA
Table 25.
Static characteristics …continued
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com