Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors UJA1069 Datasheet HTML 13Page - NXP Semiconductors UJA1069 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
10 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Interrupts from SBC to the host microcontroller are also monitored. A system reset is
performed if the host microcontroller does not respond within tRSTN(INT). Entering Normal
mode does not activate the LIN transceiver automatically. The LIN Mode Control (LMC) bit
must be used to activate the LIN medium if required, allowing local cyclic wake-up
scenarios to be implemented without affecting the LIN-bus.
6.2.5 Standby mode
In Standby mode the system is set into a state with reduced current consumption. The
watchdog will, however, continue to monitor the microcontroller (Time-out mode) since it is
powered via pin V1.
In the event that the host microcontroller can provide a low-power mode with reduced
current consumption in its Standby mode or Stop mode, the watchdog can be switched off
entirely in Standby mode of the SBC. The SBC monitors the microcontroller supply current
to ensure that there is no unobserved phase with disabled watchdog and running
microcontroller. The watchdog will remain active until the supply current drops below
IthL(V1). Below this current limit the watchdog is disabled.
Should the current increase to IthH(V1), e.g. as result of a microcontroller wake-up from
application specific hardware, the watchdog will start operating again with the previously
used time-out period. If needed, an interrupt can be issued when the watchdog restarts. If
the watchdog is not triggered correctly, a system reset will occur and the SBC will enter
Start-up mode.
If Standby mode is entered from Normal mode with the selected watchdog OFF option,
the watchdog will use the maximum time-out as defined for Standby mode until the supply
current drops below the current detection threshold; the watchdog is now OFF. If the
current increases again, the watchdog is immediately activated, again using the maximum
watchdog time-out period. If the watchdog OFF option is selected during Standby mode,
the last used watchdog period will define the time for the supply current to fall below the
current detection threshold. This allows the user to align the current supervisor function to
the application needs.
Generally, the microcontroller can be activated from Standby mode via a system reset or
via an interrupt without reset. This allows implementation of differentiated start-up
behavior from Standby mode, depending on the application needs:
• If the watchdog is still running during Standby mode, the watchdog can be used for
cyclic wake-up behavior of the system. A dedicated Watchdog Time-out Interrupt
Enable (WTIE) bit enables the microcontroller to decide whether to receive an
interrupt or a hardware reset upon overflow. The interrupt option will be cleared in
hardware automatically with each watchdog overflow to ensure that a failing main
routine is detected while the interrupt service still operates. So the application
software must set the interrupt behavior each time before a standby cycle is entered.
• Any wake-up via the LIN-bus together with a local wake-up event will force a system
reset event or an interrupt to the microcontroller. So it is possible to exit Standby mode
without any system reset if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com