Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 2Page - NXP Semiconductors UJA1069 Datasheet HTML 3Page - NXP Semiconductors UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
6 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
5.2 Pin description
Table 2.
Pin description
Symbol
Pin
Description
HTSSOP32 HTSSOP24
n.c.
1
1
not connected
n.c.
2
-
not connected
TXDL
3
2
LIN transmit data input (LOW for dominant, HIGH for
recessive)
V1
4
3
voltage regulator output for the microcontroller (3 V, 3.3 V
or 5 V depending on the SBC version)
RXDL
5
4
LIN receive data output (LOW when dominant, HIGH
when recessive)
RSTN
6
5
reset output to microcontroller (active LOW; will detect
clamping situations)
INTN
7
6
interrupt output to microcontroller (active LOW;
open-drain, wire-AND this pin to other ECU interrupt
outputs)
EN
8
7
enable output (active HIGH; push-pull, LOW with every
reset / watchdog overflow)
SDI
9
8
SPI data input
SDO
10
9
SPI data output (floating when pin SCS is HIGH)
SCK
11
10
SPI clock input
SCS
12
11
SPI chip select input (active LOW)
n.c.
13
-
not connected
n.c.
14
-
not connected
n.c.
15
-
not connected
TEST
16
12
test pin (should be connected to ground in application)
INH/LIMP
17
13
inhibit / limp home output (BAT14 related, push-pull,
default floating)
WAKE
18
14
local wake-up input (BAT42 related, continuous or cyclic
sampling)
n.c.
19
-
not connected
n.c.
20
-
not connected
n.c.
21
-
not connected
n.c.
22
-
not connected
GND
23
15
ground
n.c.
24
16
not connected
LIN
25
17
LIN bus line (LOW in dominant state)
RTLIN
26
18
LIN-bus termination resistor connection
BAT14
27
19
14 V battery supply input
n.c.
28
20
not connected
SYSINH
29
21
system inhibit output (BAT42 related; e.g. for controlling
external DC-to-DC converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com