Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors UJA1069 Datasheet HTML 25Page - NXP Semiconductors UJA1069 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
22 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
When pin INH/LIMP is used as inhibit output, a pull-down resistor to GND ensures a
default LOW level. The pin can be set to HIGH according to the state diagram.
When pin INH/LIMP is used as limp-home output, a pull-up resistor to VBAT42 ensures a
default HIGH level. The pin is automatically set to LOW when the SBC enters Fail-safe
mode.
6.9 Wake-up input
The WAKE input comparator is triggered by negative edges on pin WAKE. Pin WAKE has
an internal pull-up resistor to BAT42. It can be operated in two sampling modes which are
selected via the WAKE Sample Control bit (WSC):
• Continuous sampling (with an internal clock) if the bit is set
• Sampling synchronized to the cyclic behavior of V3 if the bit is cleared; see Figure 13.
This is to save bias current within the external switches in low-power operation. Two
repetition times are possible, 16 ms and 32 ms.
If V3 is continuously ON, the WAKE input will be sampled continuously, regardless of the
level of bit WSC.
The dedicated bits Edge Wake-up Status (EWS) and WAKE Level Status (WLS) in the
System Status register reflect the actual status of pin WAKE. The WAKE port can be
disabled by clearing the WEN bit in the System Configuration register.
Fig 12. States of the INH/LIMP pin
001aad178
INH/LIMP:
HIGH
ILEN = 1
ILC = 1
INH/LIMP:
floating
ILEN = 0
ILC = 1/0
ILEN = 1
ILC = 0
INH/LIMP:
LOW
state change via SPI
state change via SPI
OR enter Fail-safe mode
state change via SPI
OR (enter Start-up mode after
wake-up reset, external reset
or V1 undervoltage)
OR enter Restart mode
OR enter Sleep mode
state change via SPI
power-on
state change via SPI
state change via SPI
OR enter Fail-safe mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com