Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors UJA1069 Datasheet HTML 25Page - NXP Semiconductors UJA1069 Datasheet HTML 26Page - NXP Semiconductors UJA1069 Datasheet HTML 27Page - NXP Semiconductors UJA1069 Datasheet HTML 28Page - NXP Semiconductors UJA1069 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
25 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12.1 SPI register mapping
Any control bit which can be set by software is readable by the application. This allows
software debugging as well as control algorithms to be implemented.
Watchdog serving and mode setting is performed within the same access cycle; this only
allows an SBC mode change whilst serving the watchdog.
Each register carries 12 data bits; the other 4 bits are used for register selection and
read/write definition.
6.12.2 Register overview
The SPI interface gives access to all SBC registers; see Table 3. The first two bits (A1 and
A0) of the message header define the register address, the third bit is the read register
select bit (RRS) to select one out of two possible feedback registers; the fourth bit (RO)
allows ‘read only’ access to one of the feedback registers. Which of the SBC registers can
be accessed also depends on the SBC operating mode.
6.12.3 Mode register
In the Mode register the watchdog is defined and re-triggered, and the SBC operating
mode is selected. The Mode register also contains the global enable output bit (EN) and
the Software Development Mode (SDM) control bit. During system operation cyclic access
to the Mode register is required to serve the watchdog. This register can be written to in all
modes.
At system start-up the Mode register must be written to within tWD(init) from releasing
RSTN (HIGH-level on pin RSTN). Any write access is checked for proper watchdog and
system mode coding. If an illegal code is detected, access is ignored by the SBC and a
system reset is forced in accordance with the state diagram of the system controller; see
Figure 4.
Table 3.
Register overview
Register
address bits
(A1, A0)
Operating
mode
Write access (RO = 0)
Read access (RO = 0 or RO = 1)
Read Register Select
(RRS) bit = 0
Read Register Select
(RRS) bit = 1
00
all modes
Mode register
System Status register
System Diagnosis register
01
Normal mode;
Standby mode;
Flash mode
Interrupt Enable register
Interrupt Enable Feedback
register
Interrupt register
Start-up mode;
Restart mode
Special Mode register
Interrupt Enable Feedback
register
Special Mode Feedback
register
10
Normal mode;
Standby mode
System Configuration
register
System Configuration
Feedback register
General Purpose Feedback
register 0
Start-up mode;
Restart mode;
Flash mode
General Purpose register 0
System Configuration
Feedback register
General Purpose Feedback
register 0
11
Normal mode;
Standby mode
Physical Layer Control
register
Physical Layer Control
Feedback register
General Purpose Feedback
register 1
Start-up mode;
Restart mode;
Flash mode
General Purpose register 1
Physical Layer Control
Feedback register
General Purpose Feedback
register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com