Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 25Page - NXP Semiconductors UJA1069 Datasheet HTML 26Page - NXP Semiconductors UJA1069 Datasheet HTML 27Page - NXP Semiconductors UJA1069 Datasheet HTML 28Page - NXP Semiconductors UJA1069 Datasheet HTML 29Page - NXP Semiconductors UJA1069 Datasheet HTML 30Page - NXP Semiconductors UJA1069 Datasheet HTML 31Page - NXP Semiconductors UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
29 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
The RSS bits are updated with each reset event and not cleared. The last reset event is captured.
6.12.5 System Diagnosis register
This register allows diagnosis information to be read back from the SBC. This register can
be read in all modes.
11 to 8
RSS[3:0]
Reset Source[1]
0000
power-on reset; first connection of BAT42 or BAT42 below
power-on voltage threshold or RSTN was forced LOW
externally
0001
cyclic wake-up out of Sleep mode
0010
low V1 supply; V1 has dropped below the selected reset
threshold
0011
V1 current above threshold within Standby mode while
watchdog OFF behavior and reset option (V1CMC bit) are
selected
0100
V3 voltage is down due to overload occurring during Sleep
mode
0101
SBC successfully left Flash mode
0110
SBC ready to enter Flash mode
0111
reserved for SBCs with CAN transceiver
1000
LIN wake-up event
1001
local wake-up event (via pin WAKE)
1010
wake-up out of Fail-safe mode
1011
watchdog overflow
1100
watchdog not initialized in time; tWD(init) exceeded
1101
watchdog triggered too early; window missed
1110
illegal SPI access
1111
interrupt not served within tRSTN(INT)
7
-
reserved
0
reserved for SBCs with CAN transceiver
6
LWS
LIN Wake-up Status
1
LIN wake-up detected; cleared upon read
0
no LIN wake-up
5
EWS
Edge Wake-up Status
1
pin WAKE negative edge detected; cleared upon read
0
pin WAKE no edge detected
4
WLS
WAKE Level Status
1
pin WAKE above threshold
0
pin WAKE below threshold
3
TWS
Temperature Warning
Status
1
chip temperature exceeds the warning limit
0
chip temperature is below the warning limit
2
SDMS
Software Development
Mode Status
1
Software Development mode on
0
Software Development mode off
1
ENS
Enable Status
1
pin EN output activated (V1-related HIGH level)
0
pin EN output released (LOW level)
0
PWONS
Power-on reset Status
1
power-on reset; cleared after a successfully entered
Normal mode
0
no power-on reset
Table 6.
System Status register bit description …continued
Bit
Symbol
Description
Value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com