Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 54Page - NXP Semiconductors UJA1069 Datasheet HTML 55Page - NXP Semiconductors UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors UJA1069 Datasheet HTML 58Page - NXP Semiconductors UJA1069 Datasheet HTML 59Page - NXP Semiconductors UJA1069 Datasheet HTML 60Page - NXP Semiconductors UJA1069 Datasheet HTML 61Page - NXP Semiconductors UJA1069 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
58 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
12. Package outline
Fig 27. Package outline SOT549-1 (HTSSOP32)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT549-1
03-04-07
05-11-02
w M
θ
A
A1
A2
Eh
Dh
D
L p
detail X
E
Z
exposed die pad side
e
c
L
X
(A3)
0.25
1
16
32
17
y
b
HE
0.95
0.85
0.30
0.19
Dh
5.1
4.9
Eh
3.6
3.4
0.20
0.09
11.1
10.9
6.2
6.0
8.3
7.9
0.65
1
0.2
0.78
0.48
0.1
0.75
0.50
p
v M A
A
HTSSOP32: plastic thermal enhanced thin shrink small outline package; 32 leads;
body width 6.1 mm; lead pitch 0.65 mm; exposed die pad
SOT549-1
A
max.
1.1
0
2.5
5 mm
scale
pin 1 index
MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com