Electronic Components Datasheet Search
  English  ▼

X  

TMPR4951B Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 107Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 108Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 109Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 110Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 111Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 112Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 113Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 114Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 256 page
background image
Chapter 5 Cache Organization
5-9
5.9
Cache Testing
5.9.1
Cache disabling
The ICE# and DCE# bits in the Config register enable and disable the instruction and data caches
respectively.
When the cache is disabled, any attempt to access the cache causes a cache miss; therefore, a cache
refill does not occur. (A burst bus cycle does not occur, either, as is the case with an access to a
uncached memory space.) With the cache disabled, the Valid (V) and Cache State (CS) bits for each
entry remain unchanged.
Note: When the instruction cache is disabled
–
All instruction fetches cause an instruction cache miss. External memory accesses will occur
as a single-read operation.
–
Instruction cache operations by the CACHE instruction are valid.
Note: When the data cache is disabled
–
All memory accesses by the load and store instructions cause a data cache miss. At this time,
no cache refill occurs. External memory accesses will occur as a single-read or single-write
operation.
–
Data cache operations by the CACHE instruction are valid.
Note: How to disable the instruction cache reliably
–
To disable the instruction cache, stop instruction streaming by following the MTC0
instruction with a jump instruction, as shown below:
Example: MTC0 Rn, Config
(Set ICE# bit.)
J
L1
(Jump to L1 and stop streaming.)
NOP
(Jump delay slot)
L1: CACHE IndexInvalidate, offset (base)
5.9.2
Cache Flushing
Both the instruction and data caches are flushed by a Cold Reset or Warm Reset exception. i:e., all
the Valid and CS bits are cleared to zeroes.
The instruction cache is also flushed by the Index Invalidate and Hit Invalidate operations with a
CACHE instruction. The data cache is flushed by the Hit Invalidate operation with a CACHE
instruction.
Data is written back to the main memory when an Index Writeback Invalidate or Hit Writeback
Invalidate operation is performed, when a Hit Writeback operation is performed, and when a cache line
is replaced. When the write-back policy is employed, it is required to consciously maintain cache
coherency when flushing the cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com