Electronic Components Datasheet Search
  English  ▼

X  

TMPR4951B Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 106Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 107Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 108Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 109Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 110Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 111Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 112Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 113Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 256 page
background image
Chapter 5 Cache Organization
5-8
5.6
Cache Line Ownership
The TX4951B becomes the owner of a cache line after it writes to that cache line (that is, by entering the
dirty exclusive), and is responsible for providing the contents of that line on a read request. There can only
be one owner for each cache line.
5.7
Cache Multi-Hit Operation
The TX4951B is not guaranteed the operation for the multi-hit of primary cache.
Thus, in case of locking the specified program/data in the primary cache, the program/data must be used
after locked in the cache by Fill instruction.
Such as the previous description the cache multi hit does not guarantee in the TX4951B, however, if it
occurs, the TX4951B will do the operation as follows.
•
Load: read from the higher way of priority (Way0 > Way1 > Way2 > Way3).
•
Store: write to all way that are multi-hits.
5.8
FIFO Replacement Algorithm
The instruction and data caches in the TX4951B use the FIFO replacement algorithm.
•
Usually, cache elements are replaced in this order: Way0, Way1, Way2, Way3.
•
The FIFO[1:0] replacement bits do not point to a locked, valid cache line.
•
Data is first written to a cache line marked invalid, if any.
•
The FIFO replacement bits change every time memory data is written to the cache or a CACHE
instruction is executed.
Figure 5.8.1 shows several examples of how the FIFO replacement bits change.
A)
Way0
Invalid
Way1
Invalid
Way2
Invalid
Way3
Invalid
B)
C)
D)
Way0
Invalid
Way1
Invalid
Lock
Way2
Invalid
Way3
Invalid
Way0
Invalid
Way1
Invalid
Way2
valid
Way3
Invalid
Way0
Invalid
Way1
valid
Lock
Way2
Invalid
Way3
valid
E)
F)
Way0
Invalid
Way1
valid
Lock
Way2
valid
Lock
Way3
valid
Lock
Way0
valid
Way1
valid
Way2
valid
Lock
Way3
valid
Figure 5.8.1 Examples of Cache State Transitions by the FIFO Replacement Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com