Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 37Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 38Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 39Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 40Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 41Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 42Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 43Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 44Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 286 page
background image
Handling Precautions
29
3.6.3
Corrosive Gases
Devices react to corrosive gases may cause deteriorating device characteristics. For example, consideration must
be given to lead corrosion and leakage between leads caused by the chemical reaction that occurs when a device
is placed near a rubber product. The reason is that the rubber product will not only produce condensation but
also generate sulfur-bearing corrosive gases under high-humidity conditions.
3.6.4
Radioactive and Cosmic Rays
Standard devices are not designed with protection against radioactive and cosmic rays. Devices must therefore
be shielded if the device will be used in environments that may result in exposure to radioactive or cosmic rays
above the levels that exist in the natural environment.
3.6.5
Strong Electrical and Magnetic Fields
Devices exposed to magnetic fields can undergo a polarization phenomenon in the plastic material or within the
IC chip, which gives rise to abnormal conditions such as impedance changes or leak current increases.
Malfunctions have been reported in LSIs mounted near television deflection yokes. In such cases, the device
installation location must be changed or the device must be shielded against the electrical or magnetic field.
Shielding against magnetism is especially required in an alternating magnetic field due to the electromotive
forces generated.
3.6.6
Interference from Light (such as Ultraviolet Rays, Sunlight, Fluorescent
Lamps, Incandescent Lamps)
Light striking a semiconductor device generates electromotive force due to photoelectric effects, sometimes
causing malfunction. Devices in which the chip is visible through the package are especially affected by such
light. When designing the circuits, make sure that the devices are protected against light interference. Not just
optical semiconductor devices, but all types of devices are affected by light.
3.6.7
Dust and Oil
Similar to corrosive gases, dust and oil cause chemical reactions in semiconductor products, sometimes
adversely affecting product characteristics. Be sure to use semiconductor products in an environment that will
not result in dust or oil adhesion. Solvent and oil contained in heat release sheets similarly may result in
semiconductor product quality deterioration, characteristic deterioration or disconnection. Be sure to use such
products with care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com