Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 75Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 76Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 77Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 78Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 79Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-16
3.2.12
Cause Register (Reg
#13)
The Cause register holds the cause of the most recent exception. This register is read-only, except for
the IP[1:0] bits.
Figure 3.2.12 shows the format of the Cause register and Table 3.2.13 describes the Cause register
field.
31
30
29
28 27
16 15
8
7
6
2 1
0
BD
0
CE
0
IP
0
ExcCode
0
Figure 3.2.12 Cause Register Format
Table 3.2.13 Cause Register Field Descriptions
Bit(s)
Field Name
Description
Cold Reset
Read/Write
31
BD
Indicates whether or not the last exception was taken while
executing in a branch delay slot.
0: normal
1: delay slot
0
Read
30
0
Reserved
0
Read
29:28
CE
Indicates the coprocessor unit number referenced when a
coprocessor unusable exception is taken.
00: coprocessor 0
01: coprocessor 1
10: coprocessor 2
11: coprocessor 3
0x0
Read
27:16
0
Reserved
0x0
Read
15:10
IP[7:2]
Indicates whether an interrupt is pending.
0: not pending
1: pending
INT[5:0]
Read
9:8
IP[1:0]
Software interrupts.
0: reset
1: set
0x0
Read/Write
7
0
Reserved
0
Read
6:2
ExcCode
Exception Code field.
0: Int: Interrupt.
1: Mod: TLB modification exception.
2: TLBL: TLB exception (load or instruction fetch)
3: TLBS: TLB exception (Store)
4: AdEL: Address error exception (load or instruction fetch)
5: AdES: Address error exception (store)
6: IBE: Bus error exception (instruction fetch)
7: DBE: Bus error exception (data reference: load)
8: Sys: System call exception
9: Bp: Breakpoint exception
10: RI: Reserved instruction exception
11: CpU: Coprocessor Unusable exception
12: Ov: Arithmetic Overflow exception
13: Tr: Trap exception
14: Reserved
15: FPE: Floating-Point exception
16-31: Reserved
0x0
Read
1:0
0
Reserved
0x0
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com