Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 51Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 52Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 53Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 54Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 55Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 56Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 57Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 58Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 286 page
background image
Chapter 2 Features
2-7
Table 2.2.4 System Interface (when R4300 type protocol mode (MODE43* = 0, BSIZE64*=1))
Signal Name
Pin No.
I/O
Function
SysAD[63:32]
B5, B6, B7,
B8, B9, B10,
B11, B12,
B13, B14,
E14, F14,
G14, H14,
J14, K14,
L14, M14,
N14, P14,
P13, P4, P3,
N2, M2, L2,
K2, J2, E2,
D2, C2, B2
I/O
These pins are driven to 0 at both address output and data input cycles, and then
these pins can be left open on the board.
SysAD[31:0]
A10, A11,
A12, A13,
C15, D15,
E15, F15,
G15, H15,
J15, K15,
L15, M15,
N15, P15,
L1, K1, J1,
H2, H1, G2,
G1, F2, F1,
E1, D1, C1,
A6, A7, A8,
A9
I/O
System address/data bus
A 32-bit address and data bus for communication between the processor and an
external agent.
SysCmd[8:5]
R9, P9, R8,
P8
I/O
These pins are driven to 0 at both address output and data input cycles, and then can
be left open on the board.
SysCmd[4:0]
R7, P7, R6,
P6, R5
I/O
System command/data identifier bus
A 5-bit bus for command and data identifier transmission between the processor and
an external agent.
SysADC[7:0]
N5, N4, N6,
N9, C14,
D14, C9,
C13
I/O
These pins are driven to 0 at both address output and data input cycles, and then can
be left open on the board.
SysCmdP
N8
I/O
This pin is driven to 0 at both address output and data input cycles, and then can be
left open on the board
Evalid*
R1
I
External agent valid input
This signal should be asserted when an external agent is driving a valid address or
valid data on the SysAD bus, and a valid command or data identifier on the SysCmd
bus.
Pvalid*
R2
O
Processor valid output
The processor asserts this signal when the processor is driving a valid address or valid
data on the SysAD bus, and a valid command or data identifier on the SysCmd bus.
EReq*
R12
I
External request
This signal should be asserted when an external agent is requesting System interface
bus ownership.
PMaster*
R3
O
Processor Master
The processor asserts this signal when the processor is a bus master.
EOK*
P1
I
External agent Ready
This signal should be asserted when an external agent accepts a processor request.
RdRdy*
N1
I
This signal has a pull-down resistor in the internal of the processor, and then this
signal can be left open on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com