Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 2 Page - NXP Semiconductors

  A30 Datasheet HTML 1Page - NXP Semiconductors A30 Datasheet HTML 2Page - NXP Semiconductors A30 Datasheet HTML 3Page - NXP Semiconductors A30 Datasheet HTML 4Page - NXP Semiconductors A30 Datasheet HTML 5Page - NXP Semiconductors A30 Datasheet HTML 6Page - NXP Semiconductors A30 Datasheet HTML 7Page - NXP Semiconductors A30 Datasheet HTML 8Page - NXP Semiconductors A30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
2 Features and use cases
2.1 Use cases
A30 can be used for
• Secure key(s) and certificate(s) storage
• PKI (public key infrastructure) based authentication and communication
• Device only, device-to-device, device-to-cloud authentication
• Secure connection for consumer devices, industrial machines, and medical devices
• Battery passport and/or Digital product passport
• Device to meet strengthening cybersecurity requirements
2.2 Key features
A30 is designed to support many IoT applications and solves the problems in IoT applications' full life cycle.
• ECC key generation on the IC, and provisioning item level certificate(s) in NXP, or in the field.
• The following crypto primitives are supported: AES-128/256 (ECB, CBC, CMAC, CCM, GCM), ECDSA, and
ECDH over NIST P-256 and brainpoolP256r1, SHA-256/384, HMAC, and HKDF.
This allows to support advanced crypto protocols such as SIGMA-I, TLS1.3 and Matter.
• Nonreversible monotonic counter as the usage counter
• Delivery of the list of UID and certificates at shipping from NXP
• I2C target operates at 100 kHz (standard mode), 400 kHz (fast mode), or 1 MHz (Fast-mode Plus)
• Two configurable GPIOs; 1 GPIO can be used for power downstream - up to 10 mW for batteryless
applications
• 1 V operation with 1.5 V battery
• Small footprint on PCB with WLCSP16
2.3 Configuration
A30 can be used as an I2C target with Host MCU.
aaa-052794
Plug and trust MW
Host MCU/MPU
Connectivity
(WiFi/BLE)
Sensor/
actuator
Display
TLS 1.3
SIGMA-I
I2C
Crypto APIs
Keys
Certs RNG
I2C
Authenticator
Figure 1. A30 solution block diagram
There are many configuration options to meet different types of applications.
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
2 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com