Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 3Page - NXP Semiconductors A30 Datasheet HTML 4Page - NXP Semiconductors A30 Datasheet HTML 5Page - NXP Semiconductors A30 Datasheet HTML 6Page - NXP Semiconductors A30 Datasheet HTML 7Page - NXP Semiconductors A30 Datasheet HTML 8Page - NXP Semiconductors A30 Datasheet HTML 9Page - NXP Semiconductors A30 Datasheet HTML 10Page - NXP Semiconductors A30 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
6 Functional description
A30 supports I2C interface with ISO/IEC 7816-4.
A30 adopts NTAG / NFC file system with a dedicated AID. NTAG, PCD, PICC, Reader, and all NFC related
terms are used to represent NFC inherited authentication architecture.
6.1 I2C support
A30 supports I2C target communication with 7-bit target address according to [15].
The following bus speeds are supported, though potentially limited by pullup resistance and load capacitance
depending on the HW configuration.
• 100 kHz (Standard-mode)
• 400 kHz (Fast-mode)
• 1 MHz (Fast-mode Plus)
At the data link layer, the T=1’ protocol as specified in [16] is supported. Only the default parameter values are
specified here.
6.1.1 I2C parameter values
6.1.1.1 Target address
The default target address is 0x20.The target address can be changed through SetConfiguration Option 0x10,
see Command SetConfiguration.
6.1.1.2 Communication interface parameters
The communication interface parameters (CIP) as defined by [16] are specified in Table 3.
Name
Length Description
Value
PVER
1
Protocol Version:[16] defines version ‘01’ of the protocol.
0x01
Length of IIN
1
Length of Issuer Identification Number
0x04
IIN
3-4
Issuer Identification Number (according to [7812-1], BCD encoded)
0x63070093
PLD
1
Physical Layer ID: ‘01’ for SPI / ‘02’ for I2C
0x02
Length of PLP
1
Length of Physical Layer Parameters
0x08
Configuration
1
Characteristics supported by SE:
b1= 0: Clock stretching not supported
Other bits: RFU
0x00
PWT
1
Power wake-up Time (ms)
0x02
MCF
2
Maximal Clock Frequency at which the SE may operate (in kHz)
0x03E8 (1 MHz)
PST
1
Power-Saving Time-outs (in ms)
0x00
MPOT
1
Minimum Polling Time (conditional to Polling Mode support) (in ms)
0x01
RWGT
2
R/W Guard Time (in µs)
0x0064
Length of DLLP 1
Length of Data Link Layer Parameters
0x04
BWT
2
Block Waiting Time (in ms)
0x03E8 (ca. 1 sec)
Table 3. I2C communication interface parameters
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
7 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com